データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KFS-5WA-R

  • AI
    The **KFS-5WA-R** is an electronic component primarily classified as a **High-Frequency Coaxial Switch** or **RF Switch**. These components are essential in telecommunications and broadcasting for routing high-frequency signals between different signal paths. --- ### 1. General Specifications While specific data can vary by manufacturer (often associated with brands like *Kokusai*), the "KFS" series generally follows these technical parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | RF Coaxial Switch / Relay | | **Configuration** | Single Pole, Double Throw (SPDT) or Transfer | | **Connector Type** | Usually SMA or N-type (Coaxial) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | Typically DC up to several GHz | ### 2. Key Electronic Parts and Features #### A. The Actuator (Solenoid) The "heart" of the KFS-5WA-R is an electromagnetic solenoid. When a DC voltage is applied to the control pins: * An electromagnetic field is generated. * The field pulls an internal plunger or armature. * This physical movement toggles the RF contact between "Port A" and "Port B." #### B. RF Contacts Unlike standard electrical relays, these contacts are designed to minimize **Insertion Loss** (signal fading) and maximize **Isolation** (preventing signal leakage between ports). They are often gold-plated to ensure low resistance and prevent oxidation. #### C. Internal Termination The "R" in the suffix often denotes a **Terminated** version. * **Non-Terminated:** The unused port remains open. * **Terminated (R):** The unused port is automatically connected to an internal 50-ohm resistor. This prevents signal reflection (VSWR issues) which can damage sensitive transmitters. ### 3. Functional Applications The KFS-5WA-R is typically found in the following environments: 1. **Automated Test Equipment (ATE):** Routing a single test signal to multiple devices under test. 2. **Base Stations:** Switching between a primary and a backup power amplifier. 3. **Radio Transceivers:** Switching an antenna between the Transmitter (TX) and Receiver (RX) paths. --- ### 4. Comparison Summary | Feature | KFS-5WA-R Characteristics | | :--- | :--- | | **Durability** | High cycle life (millions of switches) | | **Switching Speed** | Generally 15ms to 50ms | | **Signal Integrity** | Optimized for low VSWR (Voltage Standing Wave Ratio) |
    ✨ Follow-up Questions
    • ⤷ What is the standard operating voltage for the KFS-5WA-R solenoid?
    • ⤷ How does 'Termination' improve RF circuit safety compared to non-terminated switches?
    • ⤷ What are the common failure modes for coaxial RF switches?