データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KFS-A1-R

  • AI
    The **KFS-A1-R** typically refers to a high-precision **K-Type Thermocouple Connector** (specifically the socket or jack side) used in industrial temperature measurement and control systems. These parts are critical for maintaining signal integrity between a sensor and a measuring instrument. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | K-Type (Chromel / Alumel) | | **Connector Type** | Standard Panel Mount Socket (Female) | | **Color Coding** | Yellow (ANSI Standard for K-Type) | | **Temperature Range** | Typically -29°C to +220°C (Body Material) | | **Contact Material** | Compensated Alloys (matching K-Type) | --- ### 2. Core Electronic Components The KFS-A1-R is more than a simple plastic plug; its electronic performance depends on several integrated parts: #### A. Compensated Alloy Contacts Unlike standard electrical connectors (which use copper or brass), the KFS-A1-R uses pins made of **Chromel** (positive) and **Alumel** (negative). * **Purpose:** This prevents "Cold Junction" errors. If a different metal was used, it would create a new parasitic thermocouple at the connection point, causing inaccurate temperature readings. #### B. Thermoplastic Body The housing is usually made of high-grade glass-filled nylon or a similar liquid crystal polymer. * **Function:** Provides high insulation resistance between the two terminals and protects against EMI (Electromagnetic Interference) when shielded. #### C. Mounting Hardware The "A1" variant usually denotes a specific mounting style: * **Clips/Springs:** Steel or brass retention clips that ensure the connector stays seated in a control panel. * **Terminal Screws:** Internal screw-down points used to secure the thermocouple lead wires to the internal alloy plates. --- ### 3. Application Use Cases 1. **Industrial Ovens:** Connecting internal sensors to external temperature controllers (PID). 2. **Laboratory Equipment:** Quick-disconnect interfaces for data loggers. 3. **HVAC Systems:** Monitoring exhaust or ambient air via K-Type probes. --- ### 4. Wiring Diagram (Logic) ```text [ Thermocouple Probe ] ----> [ KFS-A1-R Socket ] ----> [ Extension Wire ] ----> [ Controller ] (Hot Junction) (Connection) (Cold Junction) (Display) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between K-type and J-type thermocouple connectors?
    • ⤷ How do you install the KFS-A1-R onto a control panel?
    • ⤷ Does the KFS-A1-R require periodic calibration?