データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KFS-F4-R

  • AI
    ### KFS-F4-R Technical Overview The **KFS-F4-R** is a specific model of a **Compact Flash (CF) Card Connector**. These connectors are primarily used in embedded systems, industrial computers, and legacy portable electronics to interface with CF memory cards. --- ### 1. Key Technical Specifications The following table outlines the general electronic and mechanical characteristics of the KFS-F4-R series: | Parameter | Specification | | :--- | :--- | | **Number of Pins** | 50 Pins (Standard CF interface) | | **Mounting Type** | Surface Mount Technology (SMT) / Right Angle | | **Ejector Type** | Fixed (No ejector) or Manual Push | | **Pitch** | 1.27 mm | | **Current Rating** | 0.5A AC/DC | | **Voltage Rating** | 100V AC/DC | | **Contact Resistance** | 40mΩ Max | --- ### 2. Electronic Components & Construction The KFS-F4-R is comprised of three main electronic/structural elements: 1. **Contact Pins:** Usually made of a copper alloy with selective **gold plating** on the contact area. Gold is used to ensure low contact resistance and to prevent oxidation over many insertion cycles. 2. **Insulator Body:** High-temperature thermoplastic (such as LCP - Liquid Crystal Polymer). This material is chosen because it can withstand the heat of **reflow soldering** without warping. 3. **Shielding/Grounding Tabs:** Metal reinforcements that provide structural stability to the PCB and offer a path for Electrostatic Discharge (ESD) to protect the sensitive data lines on the CF card. --- ### 3. Pin Configuration The 50 pins are organized to support the **Parallel ATA (PATA)** protocol. The electronic signals are grouped as follows: * **Data Lines (D00 - D15):** 16-bit wide data bus for high-speed file transfer. * **Address Lines (A00 - A10):** Used to select specific registers or memory locations. * **Control Signals:** Includes `WE` (Write Enable), `OE` (Output Enable), and `CD` (Card Detect). * **Power/Ground:** Multiple `VCC` and `GND` pins to provide stable 3.3V or 5V power. --- ### 4. Application Use-Cases * **Industrial PCs:** Used for OS booting in rugged environments where mechanical hard drives would fail. * **Networking Equipment:** Routers and switches often use these connectors to store firmware images. * **Embedded Systems:** Ideal for data logging in medical or automotive devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMT and Through-Hole versions of this connector?
    • ⤷ Can the KFS-F4-R support both Type I and Type II Compact Flash cards?
    • ⤷ What are the recommended soldering temperature profiles for LCP insulators?