データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KFS-GWC-R

  • AI
    The **KFS-GWC-R** refers to a specific series of wireless remote control modules, typically used in industrial or smart home applications for switching loads (like lights, motors, or fans) remotely. Below is an explanation of its electronic components and technical architecture. --- ### 1. Key Electronic Components The device is generally composed of three functional blocks: the power stage, the RF (Radio Frequency) stage, and the control logic. | Component | Description | Function | | :--- | :--- | :--- | | **RF Receiver Module** | Superheterodyne or Super-regenerative circuit | Receives the 433MHz or 315MHz wireless signal from the transmitter. | | **Microcontroller (MCU)** | Small 8-bit logic chip | Decodes the signal and manages the "Learning" mode for pairing. | | **Relay** | Electromagnetic Switch | Provides physical isolation and switches the high-voltage load. | | **Step-Down Converter** | Capacitive dropper or Buck converter | Converts AC mains (110V/220V) to DC (5V/12V) for the internal chips. | | **Pairing Button** | Tactile Switch | Used to clear memory or pair new remote controls. | --- ### 2. Technical Specifications While specific variations exist, most KFS-GWC-R modules follow these parameters: * **Operating Voltage:** 85V - 250V AC (Wide voltage support). * **Frequency:** 433.92 MHz (Standard ISM band). * **Max Load:** Usually 10A or 30A (depending on the specific relay model). * **Encoding Type:** Fixed code or Learning code (EV1527). * **Working Modes:** 1. **Inching (Momentary):** Stays on only while the button is pressed. 2. **Self-locking (Toggle):** Press once for ON, press again for OFF. 3. **Interlocking (Latched):** One button turns it ON, another button turns it OFF. --- ### 3. Wiring Configuration The electronic board typically features a terminal block for easy installation: ```text L (Line In) ------ [ Power Source ] N (Neutral) ------ [ Power Source ] L (Output) ------ [ Load / Light ] N (Output) ------ [ Load / Light ] ``` --- ### 4. Safety Features Modern KFS-GWC-R units include basic electronic protection: * **Varistor (MOV):** Protects the circuit against voltage spikes and surges. * **Flame Retardant Shell:** Usually housed in ABS plastic to prevent fire hazards. * **Isolation:** The RF logic is isolated from the high-voltage output via the relay coil.
    ✨ Follow-up Questions
    • ⤷ How do I pair a new remote to the KFS-GWC-R module?
    • ⤷ What is the maximum range of the RF signal for this device?
    • ⤷ Can this module be integrated with Wi-Fi or Zigbee systems?