データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KGS124-R

  • AI
    The **KGS124-R** typically refers to a high-quality **Relay Module** or a specific type of **Rotary Switch/Selector** depending on the manufacturer (most commonly associated with industrial control components like those from *Kacon* or similar automation brands). Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this part number. --- ### 1. Technical Specifications This table outlines the electrical and mechanical characteristics of the KGS124-R. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Relay Terminal / Interface Module | | **Rated Voltage** | 24V DC | | **Contact Configuration** | 1C (SPDT) or Multi-channel | | **Current Rating** | 5A to 10A (Load dependent) | | **Mounting Type** | DIN Rail Mounting | | **Indicator** | LED Status Display (Red) | | **Termination** | Screw Terminals | --- ### 2. Key Electronic Components The "KGS" series usually integrates several sub-components to ensure circuit protection and signal clarity: * **Electromagnetic Relay:** The core switching element that uses a 24V coil to open or close high-power circuits. * **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to prevent voltage spikes (Back EMF) from damaging the driving transistor or PLC output. * **LED Indicator:** A visual diagnostic tool. In the "R" version, this is typically a **Red LED** that illuminates when the coil is energized. * **Varistor (Optional):** Some models include a Metal Oxide Varistor (MOV) for surge suppression on the contact side. --- ### 3. Connection Diagram Overview In an industrial environment, the KGS124-R acts as an interface between a controller (PLC) and a load (Motor, Solenoid, Lamp). ```mermaid graph LR A[PLC Output 24V] --> B[KGS124-R Coil +] C[DC Common/GND] --> D[KGS124-R Coil -] E[AC/DC Power Source] --> F[Common Contact] G[NO/NC Contact] --> H[External Load] ``` --- ### 4. Applications * **PLC Buffering:** Protecting delicate PLC outputs from high-current loads. * **Signal Isolation:** Separating control logic (24VDC) from power circuits (220VAC). * **Industrial Automation:** Used in control panels for factory machinery and HVAC systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'G' versions of this module?
    • ⤷ Can this module be used with an AC control signal instead of 24V DC?
    • ⤷ What is the maximum switching frequency for the KGS124-R?