データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KGS2D-R/K

  • AI
    The **KGS2D-R/K** is a specific electronic component typically categorized as a **Pressure Sensor** or a **Pressure-Sensitive Conductive Sensor**, often used in industrial controls, robotics, or musical instruments. --- ## 1. Technical Specifications Below are the general electronic characteristics associated with this series of parts: | Feature | Description | | :--- | :--- | | **Type** | Force Sensing Resistor (FSR) / Pressure Transducer | | **Output Type** | Analog (Resistance change based on pressure) | | **Contact Form** | SPST (Single Pole Single Throw) - Momentary | | **Mounting Style** | Surface Mount or Through-hole (depending on suffix) | | **Durability** | High cycle life (often rated for millions of presses) | --- ## 2. Key Electronic Components & Working Principle The KGS2D-R/K functions as a variable resistor. Here is how the internal electronics operate: ### A. Conductive Polymer Layer The "guts" of the part consist of a conductive polymer that changes resistance when mechanical force is applied. * **No Pressure:** The resistance is extremely high (Mega-ohms), acting as an open circuit. * **Pressure Applied:** As pressure increases, the conductive particles touch more frequently, dropping the resistance significantly (to Kilo-ohms or less). ### B. Electrode Pattern The internal PCB or substrate features an interdigitated electrode pattern (comb-like fingers). The R/K variants usually specify the sensitivity curve and the physical housing (R for Right-angle or Round, K for specific Key-type designs). --- ## 3. Circuit Integration To use this part in an electronic circuit, it is typically implemented in one of the following ways: 1. **Voltage Divider:** Place the sensor in series with a fixed resistor. By measuring the voltage at the junction, a microcontroller can interpret the pressure level. ```text VCC --- [Sensor] ---+--- [Fixed Resistor] --- GND | Analog Input Pin ``` 2. **Threshold Switch:** Connected to a comparator to trigger a digital signal once a certain pressure threshold is reached. --- ## 4. Common Applications * **Industrial HMI:** Touch-sensitive buttons on control panels. * **Musical Equipment:** Velocity-sensitive pads for MIDI controllers or synthesizers. * **Safety Devices:** Pinch sensors or occupancy detection.
    ✨ Follow-up Questions
    • ⤷ What is the typical resistance range for the KGS2D series?
    • ⤷ How does the 'R' suffix differ from the 'K' suffix in terms of mounting?
    • ⤷ Can this sensor be used for precise weight measurement or just relative pressure?