データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KIA7805AFSLASHAPI

  • AI
    The **KIA7805AF/API** is a popular three-terminal positive fixed voltage regulator manufactured by KEC (Korea Electronics). It belongs to the 78xx series, designed to provide a stable 5V output from a higher, fluctuating DC input voltage. --- ### 1. Key Specifications The performance of the KIA7805 is defined by its ability to maintain a precise output despite changes in input voltage or load current. | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Output Voltage** | $V_{OUT}$ | 5.0V | | **Input Voltage (Max)** | $V_{IN}$ | 35V | | **Output Current** | $I_{OUT}$ | 1.0A to 1.5A | | **Dropout Voltage** | $V_{D}$ | 2.0V (Min $V_{IN}$ should be 7V) | | **Operating Temp** | $T_{opr}$ | -40°C to +125°C | --- ### 2. Package Variants (AF vs. API) The suffix in the part number indicates the physical packaging, which determines how much heat the component can dissipate. * **KIA7805AF**: Usually refers to the **TO-220F** (Full Pack) or a surface-mount variant like **DPAK**. The "F" often signifies an isolated package where the metal tab is covered in plastic. * **KIA7805API**: Usually refers to the **TO-220IS** (Isolated) package. This is a through-hole package where the mounting tab is insulated, meaning you don't need a mica washer when attaching it to a shared heatsink. --- ### 3. Pin Configuration The device follows the standard pinout for the 78xx series regulators. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **INPUT** | Unregulated DC voltage (e.g., 7V to 25V) | | 2 | **GND** | Ground/Common | | 3 | **OUTPUT** | Regulated +5V DC | --- ### 4. Internal Protection Features The KIA7805 series is known for being "indestructible" in normal hobbyist use due to three built-in protection circuits: 1. **Thermal Overload Protection**: Shuts down the device if it gets too hot. 2. **Short Circuit Current Limiting**: Limits the output current to prevent damage during a fault. 3. **Safe Operating Area (SOA) Protection**: Protects the internal output transistor from damage under high voltage/current stress. ### 5. Standard Application Circuit To ensure stability and reduce noise, external capacitors are required. ```markdown Vin (7V-25V) ----[ 1: IN ]-------[ 3: OUT ]---- Vout (5V) | | [C1] [C2] | | GND ------------- [ 2: GND ]------------------- GND * C1 (Input Capacitor): 0.33µF (Ceramic) - Required if the regulator is far from the power supply. * C2 (Output Capacitor): 0.1µF (Ceramic) - Improves transient response and stability. ``` ---
    ✨ Follow-up Questions
    • What is the maximum power dissipation for the KIA7805AF package?
    • How does the KIA7805 compare to a switching regulator like the LM2596?
    • Why is a heatsink often required for this component?