データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KIA7812AFSLASHAPI

  • AI
    The **KIA7812AF/API** is a popular three-terminal positive voltage regulator. It belongs to the 78xx series of fixed-voltage integrated circuits, designed to provide a stable 12V output from a higher, fluctuating DC input voltage. --- ### 1. Technical Specifications The "12" in the part number indicates the output voltage, while the suffix (AF/API) typically refers to the package type and physical characteristics. | Parameter | Specification | | :--- | :--- | | **Output Voltage** | +12V DC | | **Input Voltage (Min)** | 14.5V DC | | **Input Voltage (Max)** | 30V - 35V DC | | **Output Current** | Up to 1.0A (with proper heat sinking) | | **Operating Temperature** | -40°C to +125°C | | **Protection Features** | Thermal Overload, Short Circuit, Safe Operating Area (SOA) | --- ### 2. Package Variations (AF vs. API) The suffix identifies the housing of the chip, which determines how it dissipates heat: * **KIA7812AF:** Usually refers to the **TO-220F** package. This is a "Full Pack" or isolated package, meaning the metal tab is covered in plastic. It does not require an insulating washer when bolted to a heatsink. * **KIA7812API:** Usually refers to the **TO-220** package (or a variation of the plastic mold). It is designed for through-hole mounting on PCBs. --- ### 3. Pin Configuration Regardless of the suffix, the pinout follows the standard 78xx sequence: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **INPUT** | Unregulated DC input voltage | | 2 | **GND** | Ground (Common) | | 3 | **OUTPUT** | Regulated +12V DC output | --- ### 4. Typical Application Circuit To ensure stability and reduce noise, external capacitors are required: ```electronics Input (+15V to +30V) ----[ Pin 1 ]----[ Pin 3 ]---- Output (+12V) | | Cin (0.33uF) Cout (0.1uF) | | Ground ------------------[ Pin 2 ]---------------- Ground ``` * **Cin (Input Capacitor):** Required if the regulator is located far from the power supply filter. * **Cout (Output Capacitor):** Improves transient response and stability. --- ### 5. Key Features * **Internal Current Limiting:** Prevents the IC from burning out if the load draws too much current. * **Thermal Shutdown:** The device automatically turns off if it becomes too hot. * **No External Components:** Aside from two small capacitors, it requires no extra resistors or transistors to function.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the KIA7812AF without a heatsink?
    • ⤷ How does the 'F' version (Isolated) compare to the standard TO-220 in terms of thermal resistance?
    • ⤷ Can this regulator be used to create a negative 12V rail?