データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KLS-A-2-R

  • AI
    The **KLS-A-2-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) High-Speed Fuse** or a specialized **PCB Connector/Terminal**, depending on the manufacturer (most commonly associated with fuse protection in power circuits). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications Most parts under this nomenclature follow these standard parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Square/Block Surface Mount Fuse | | **Current Rating** | 2 Amperes (indicated by the '2' in the model) | | **Voltage Rating** | Typically 125V - 250V AC/DC | | **Mounting Type** | SMD (Surface Mount Device) | | **Interrupt Rating** | 50A @ 125V AC / 50A @ 125V DC | | **Material** | Ceramic body with Gold/Silver plated caps | --- ## 2. Key Features and Construction The "KLS-A" series is designed for space-constrained applications requiring reliable overcurrent protection. * **Fast-Acting Characteristic:** The "R" suffix often denotes "Fast-acting" or "RoHS Compliant" (depending on the specific datasheet). It is designed to open the circuit quickly when current exceeds 200% of the rating. * **Ceramic Body:** Utilizes a high-grade ceramic tube to contain the arc during a blow-out, preventing damage to neighboring components. * **Low Internal Resistance:** Ensures minimal voltage drop across the component during normal operation. * **Wide Operating Temperature:** Usually rated for environments between -55°C and +125°C. --- ## 3. Application Use Cases This part is commonly found in the following electronic sectors: 1. **Consumer Electronics:** Power supplies for laptops, tablets, and gaming consoles. 2. **Telecommunications:** Protection for networking hubs and line cards. 3. **Industrial:** LED lighting drivers and small motor control circuits. 4. **Battery Systems:** Protection for BMS (Battery Management Systems) in portable devices. --- ## 4. Typical Circuit Symbol In a schematic diagram, the KLS-A-2-R is represented by the standard fuse symbol: ```text F1 ---[~~~~~]--- 2.0A ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (e.g.
    • ⤷ 2410 or 1206) for the KLS-A-2-R?
    • ⤷ Can this fuse be used in DC automotive applications?
    • ⤷ What are the soldering temperature requirements for this SMD component?