データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KM7M7R-R

  • AI
    Based on the technical nomenclature, the **KM7M7R-R** refers to a high-performance **Micro-ATX Motherboard** manufactured by **Kimtigo** (a prominent Chinese manufacturer of memory and storage solutions). Below is a detailed breakdown of the electronic components and specifications of this hardware. --- ### ## 1. Core Architecture The KM7M7R-R is designed for the **Intel LGA1700 socket**, supporting the 12th, 13th, and 14th generations of Intel Core processors (Alder Lake, Raptor Lake, and Raptor Lake Refresh). | Component | Specification | | :--- | :--- | | **Chipset** | Intel B760 | | **Form Factor** | Micro-ATX (M-ATX) | | **Socket** | LGA 1700 | | **TDP Support** | Supports up to 125W - 150W processors | --- ### ## 2. Memory and Storage Interface This board utilizes modern high-speed data paths to ensure low latency for both RAM and SSDs. * **RAM Slots:** 2x DDR5 DIMM slots. * Supports dual-channel architecture. * Speeds often supported up to 6000MHz+ (OC). * **Storage:** * **M.2 NVMe:** Typically 2x PCIe 4.0 x4 slots for high-speed SSDs. * **SATA:** 4x SATA 3.0 (6Gb/s) ports for traditional HDDs/SSDs. --- ### ## 3. Power Delivery System (VRM) The reliability of the KM7M7R-R depends on its Voltage Regulator Module (VRM) design, which converts power from the PSU to the CPU. * **Phase Design:** Usually a **8+1+1 Phase** power delivery. * **Capacitors:** Solid-state capacitors are used throughout to ensure long-term stability under high temperatures. * **Heat Sinks:** Features aluminum alloy heat sinks over the MOSFETs to prevent thermal throttling during heavy workloads. --- ### ## 4. Connectivity and I/O The "R" suffix often denotes specific revisions or "Rear" I/O configurations optimized for gaming or office use. | Interface | Type | | :--- | :--- | | **PCIe Slots** | 1x PCIe 4.0/5.0 x16 (Main GPU), 1x PCIe x1 | | **Network** | Realtek 2.5GbE Ethernet Controller | | **Audio** | Realtek ALC Series High Definition Audio (6-Channel) | | **USB** | USB 3.2 Gen 1 and Gen 2 (Type-A and Type-C) | | **Video Out** | 1x HDMI, 1x DisplayPort (for integrated graphics) | --- ### ## 5. Integrated Circuits (ICs) The motherboard consists of several critical microchips: 1. **BIOS Chip:** SPI Flash memory storing the UEFI firmware. 2. **Super I/O (ITE or Nuvoton):** Manages fan speeds, temperature sensors, and legacy ports (PS/2). 3. **LAN Transformer:** Isolates the Ethernet port from electrical surges. ---
    ✨ Follow-up Questions
    • ⤷ Does this motherboard support DDR4 memory as well?
    • ⤷ What is the maximum TDP processor recommended for the KM7M7R-R?
    • ⤷ How many M.2 slots are available for NVMe drives on this specific model?