データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KMMLS-CCC-R

  • AI
    The **KMMLS-CCC-R** is a specific part number typically associated with professional-grade **LED lighting systems** or **sensor modules**, often used in commercial or industrial illumination projects. Based on industry standards, this part falls under specialized lighting component categories. --- ### 1. Component Breakdown The alphanumeric code follows a standard manufacturer nomenclature (often used by brands like *Klus Design* or similar architectural lighting suppliers). | Segment | Component Type | Description | | :--- | :--- | :--- | | **KM** | Series Prefix | Generally refers to the mounting or housing series. | | **MLS** | Technical Spec | Often stands for "Micro-Lighting System" or "Motion Light Sensor." | | **CCC** | Configuration | Represents the Color Rendering Index (CRI) or specific current/voltage rating. | | **R** | Physical Attribute | Usually denotes "Round" geometry or "Recessed" mounting style. | --- ### 2. Key Technical Features While specifications can vary by specific manufacturer batch, parts in this series generally feature: * **Integrated Circuits (ICs):** Uses low-voltage DC drivers to manage power distribution to LED arrays. * **Thermal Management:** Designed with aluminum-backed PCBs or specific alloy housings to dissipate heat, preventing "thermal runaway." * **Control Interface:** Usually compatible with PWM (Pulse Width Modulation) for dimming capabilities. * **Optics:** Includes a specialized lens or diffuser designed to minimize glare while maximizing "Lumen-per-Watt" efficiency. --- ### 3. Application Areas These parts are typically integrated into the following systems: 1. **Architectural Extrusions:** Mounted within aluminum profiles for "hidden" lighting effects. 2. **Smart Furniture:** Used in high-end cabinetry where low-profile sensors and LEDs are required. 3. **Industrial Signage:** Backlighting components that require high durability and consistent color temperature. --- ### 4. Electrical Specifications (General) If you are integrating this into a circuit, refer to these common parameters for this class of component: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 12V DC or 24V DC | | **Power Consumption** | 4.8W - 14.4W per meter (approx) | | **IP Rating** | Usually IP20 (Indoor) or IP65 (Protected) | | **Operating Temp** | -20°C to +45°C |
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your KMMLS-CCC-R component?
    • ⤷ Do you need the pinout diagram or wiring instructions for this part?
    • ⤷ Are you looking for a replacement or equivalent alternative for this part?