データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KMN-R

  • AI
    The **KMN-R** series typically refers to a specific line of **miniature tactile switches** or specialized **potentiometer/encoder** components often used in consumer electronics, automotive interfaces, and industrial controls. Below is an overview of the electronic specifications, structural components, and common technical characteristics associated with these parts. --- ### 1. Technical Specifications The following table outlines the general electrical and mechanical characteristics for the KMN-R series components: | Parameter | typical Specification | | :--- | :--- | | **Rated Voltage** | 12V DC to 50V DC | | **Rated Current** | 10mA to 50mA | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Operating Force** | 1.6N to 2.5N (Customizable) | | **Life Cycle** | 50,000 to 100,000 cycles | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Electronic Components The KMN-R assembly is comprised of several critical internal parts that ensure electrical connectivity and tactile feedback: * **Actuator (Stem):** The physical part the user presses. In the KMN-R series, these are often low-profile to fit into compact devices. * **Contact Dome:** A precision-engineered metal disc (usually stainless steel or phosphor bronze). When pressed, it collapses to complete the circuit and provides the "click" feel. * **Base/Housing:** Made of high-temperature resistant thermoplastic (like LCP or Nylon) to withstand SMT (Surface Mount Technology) soldering processes. * **Terminals:** Silver-plated or gold-plated brass pins that provide the electrical interface between the switch and the PCB. --- ### 3. Structural Design Features The "R" in the series often denotes a specific orientation or packaging style. Common features include: * **Right-Angle Mounting:** Many KMN-R parts are designed to be mounted on the edge of a PCB, allowing the button to be pressed from the side of the device. * **Sealing (IP Rating):** Some variants include a silicone boot or internal membrane to protect against dust and moisture ingress. * **Grounding Pin:** Often includes an extra metal tab to ground the switch body, protecting the sensitive internal logic from Electrostatic Discharge (ESD). --- ### 4. Typical Applications Due to their small footprint and reliability, these parts are found in: 1. **Consumer Electronics:** Volume buttons on smartphones, cameras, and wearables. 2. **Automotive:** Steering wheel controls and dashboard interfaces. 3. **Medical Devices:** Portable diagnostic tools and handheld monitors. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific footprint size for the KMN-R series on a PCB layout?
    • ⤷ How does the KMN-R compare to the standard KMN series in terms of durability?
    • ⤷ Are there specific soldering temperature profiles recommended for the KMN-R series?