データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KNP-R

  • AI
    The **KNP-R** refers to a specific series of **Wirewound Resistors**. These are passive electronic components used to limit current or provide voltage drops in circuits where high precision, stability, and heat resistance are required. ### 1. Technical Overview KNP resistors are constructed by winding a resistive wire (usually Nichrome or Manganin) around a ceramic core, which is then coated with an insulating material. The "R" usually indicates specific variations like "Retardant" (Flameproof) or a specific "Radial/Reel" packaging. | Feature | Description | | :--- | :--- | | **Material** | Ceramic core with Alloy resistive wire | | **Coating** | Flameproof silicone or epoxy resin | | **Power Rating** | Generally ranges from 0.5W to 10W+ | | **Tolerance** | Typically ±1%, ±2%, or ±5% | | **Temperature Range** | -55°C to +200°C+ | --- ### 2. Key Characteristics * **Flameproof Protection:** The "KNP" series is known for its safety features. If the resistor fails due to an overload, it is designed not to ignite or produce flames. * **High Power Dissipation:** Because of the ceramic core and metal wire, they can handle significantly higher temperatures than carbon film or metal film resistors. * **Surge Immunity:** Wirewound resistors are excellent at handling momentary high-voltage surges or "inrush currents." * **Low Inductance Options:** Standard wirewound resistors have high inductance (acting like a small coil). However, some KNP-R variants use **Ayrton-Perry winding** to minimize this effect. --- ### 3. Application Examples KNP-R resistors are commonly found in: 1. **Power Supplies:** Used as "bleeder resistors" or for current sensing. 2. **Home Appliances:** High-power circuits in washing machines or air conditioners. 3. **Audio Equipment:** Used in crossover networks for speakers due to high power handling. 4. **Automotive:** Lighting control and sensor circuits. --- ### 4. Comparison Table | Resistor Type | Heat Resistance | Precision | Surge Handling | | :--- | :--- | :--- | :--- | | **KNP (Wirewound)** | Excellent | High | Excellent | | **Carbon Film** | Low | Low | Poor | | **Metal Film** | Medium | Very High | Fair | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between KNP and KNPS resistors?
    • ⤷ How do I calculate the power rating needed for a KNP resistor in a circuit?
    • ⤷ Can KNP resistors be used in high-frequency RF circuits?