データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KNP-R3AV100RDP

  • AI
    The **KNP-R3AV100RDP** is a specialized electronic component, specifically a **Wirewound Resistor**. This type of resistor is designed to handle power surges and high-temperature environments better than standard film resistors. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Wirewound Resistor | | **Resistance Value** | 100 Ohms (100R) | | **Power Rating** | 3 Watts (indicated by "3A") | | **Tolerance** | Usually ±5% (standard for KNP series) | | **Construction** | Metal wire wound around a ceramic core | | **Coating** | Flameproof Silicone or Epoxy coating | --- ### 2. Breakdown of Part Numbering (Typical) * **KNP**: Represents the Series (Fixed Wirewound Resistor). * **3A**: Indicates the Power Rating (3 Watts). * **100R**: Indicates the Resistance Value (100 $\Omega$). * **DP**: Often refers to the packaging style (e.g., Lead-formed or specialized taping). --- ### 3. Key Features 1. **High Heat Dissipation**: Because it uses a ceramic core and metallic wire, it can operate at higher temperatures without burning out. 2. **Flameproof Coating**: The "DP" or "R" variants often feature a coating that will not ignite, even if the resistor fails under extreme overload. 3. **Surge Handling**: Superior to carbon film resistors for applications involving high inrush currents. 4. **Low Inductance Options**: While standard wirewounds have some inductance, certain KNP variations are wound to minimize it. --- ### 4. Common Applications * **Power Supplies**: Used as a current limiting or "bleeder" resistor. * **Motor Controllers**: Handling the initial surge of power when a motor starts. * **Home Appliances**: Found in washing machines and refrigerators due to its durability. * **Automotive Electronics**: Used in circuits where reliability under heat is critical.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound resistor and a metal film resistor?
    • ⤷ How do I calculate if a 3W resistor is sufficient for my circuit?
    • ⤷ Can this resistor be used in high-frequency applications?