データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KNP-R3AV1KDP

  • AI
    The part number **KNP-R3AV1KDP** refers to a specific type of **Fixed Power Wirewound Resistor**, likely manufactured by companies such as Yageo or similar passive component specialists. ### 1. Breakdown of the Part Specification Based on standard industry nomenclature for KNP series resistors, here is the technical breakdown: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Series** | KNP | Wirewound Resistor (Flame-proof coating) | | **Power Rating** | 0.3W - 3W | Depends on specific housing (likely 3W based on 'R3') | | **Resistance Value** | 1k $\Omega$ | Indicated by '1K' | | **Tolerance** | $\pm$ 0.5% to 5% | Usually 'J' ($\pm$5%) or 'D' ($\pm$0.5%) | | **Mounting** | Axial / Vertical | The 'V' often indicates Vertical Lead forming | --- ### 2. Core Electronic Characteristics Wirewound resistors are constructed by winding a metal wire (usually Nichrome) around a ceramic core. This gives the **KNP-R3AV1KDP** unique properties: * **High Power Dissipation:** Unlike carbon film resistors, wirewound types handle heat much better and are used in power supplies. * **Flame-proof Coating:** The "KNP" series is typically coated with a UL-94V-0 recognized material that will not ignite even under severe overload. * **Inductance:** Because they are made of coils, they have inherent self-inductance. They are not suitable for high-frequency applications (MHz range) but are excellent for DC and low-frequency AC. * **Surge Capability:** They can withstand high transient energy/surges better than thick-film resistors. --- ### 3. Application Use Cases This specific component is commonly found in: 1. **Power Supplies:** Used as a bleeder resistor or for current limiting. 2. **Motor Controllers:** Providing stable resistance under thermal stress. 3. **Audio Equipment:** Used in crossover networks due to their power handling. 4. **Industrial Appliances:** Acting as a "fusible" safety element if specified as a KNP-F type. --- ### 4. Comparison Table: Wirewound vs. Carbon Film | Feature | KNP (Wirewound) | Carbon Film | | :--- | :--- | :--- | | **Heat Resistance** | Excellent | Moderate | | **Noise** | Very Low | Low | | **Stability** | High | Moderate | | **Size** | Larger for same power | Smaller |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for a KNP series resistor?
    • ⤷ Can this resistor be used in high-frequency switching circuits?
    • ⤷ What are the common lead-forming options for vertical mounting (V-Type)?