データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KNP-RU1RFP

  • AI
    Based on the part number provided, **KNP-RU1RFP** typically refers to a specific type of **Power Resistor**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Identification The prefix **KNP** identifies this part as a **Wirewound Resistor**. These components are known for their ability to handle high power and resist surges. | Attribute | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Technology** | Wirewound (Nichrome wire on Ceramic core) | | **Coating** | Flameproof Silicone or Epoxy Coating | | **Mounting** | Through-hole (Axial leads) | --- ### 2. Breakdown of the Part Number While naming conventions vary slightly by manufacturer (such as KOA Speer or Yageo), the code typically breaks down as follows: * **KNP**: Product Series (Wirewound Resistor). * **RU**: Often denotes a specific physical size or ultra-miniature variant. * **1**: Usually represents the Power Rating (e.g., **1 Watt**). * **R**: Indicates the decimal point for resistance (e.g., **1R** = 1.0 Ω). * **F**: Tolerance rating. **F** stands for **±1%** (Precision). * **P**: Packaging code (e.g., Tape & Box or Plastic/Paper Tape). --- ### 3. Key Electronic Characteristics Wirewound resistors like the KNP series have unique properties compared to Carbon Film or Metal Film resistors: #### A. Power Handling & Thermal Stability * **High Power Density:** Because they use a metal wire, they can withstand higher temperatures without degrading. * **Flameproof:** The outer coating is designed not to ignite even under severe overload conditions. #### B. Electrical Precision * **Low Resistance Values:** Often used for current sensing because they can be manufactured with very low Ohmic values (under 10Ω). * **Tolerance:** The "F" code indicates a 1% tolerance, making it suitable for circuits requiring high accuracy. #### C. Inductance Considerations * Since these are made by winding wire into a coil, they possess **parasitic inductance**. They are generally not recommended for high-frequency RF applications unless specified as "Non-Inductive" (Ayrton-Perry winding). --- ### 4. Common Applications Due to their rugged nature, these resistors are found in: 1. **Power Supplies:** Used as "Inrush Current Limiters." 2. **Motor Controllers:** For snubbing or current sensing. 3. **Automotive Electronics:** Handling voltage spikes in vehicle systems. 4. **Audio Equipment:** Used in crossover networks for speakers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound resistor and a metal film resistor?
    • ⤷ Can this resistor be used in high-frequency switching circuits?
    • ⤷ How do I calculate the maximum voltage this 1W resistor can handle?