データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KPRU-11-R

  • AI
    The **KPRU-11-R** is a specific type of logic or signal relay commonly used in automation and control systems. It is often part of a series designed for high-density mounting on DIN rails. Below is an explanation of its electronic components and functional characteristics. --- ### 1. General Specifications The KPRU-11-R is typically a **Plug-in Relay Module** (often manufactured by companies like Kacon or similar industrial automation brands). | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 1C (SPDT - Single Pole Double Throw) | | **Input/Coil Voltage** | Typically 24V DC (Standard for "R" series) | | **Rated Current** | 6A to 10A (Depending on the specific load) | | **Mounting Type** | DIN Rail Mounting via Socket | | **Indicator** | Built-in LED for status monitoring | --- ### 2. Key Electronic Components #### A. The Electromagnetic Coil The heart of the device. When voltage is applied to the input terminals, the coil creates a magnetic field that pulls an internal armature to switch the contacts. * **Protection:** Usually includes a **Flyback Diode** (Freewheeling Diode) to protect the driving circuit from inductive voltage spikes when the coil is de-energized. #### B. Contact Material The internal contacts are usually made of **Silver Alloy (AgNi or AgSnO2)**. * **AgNi:** Good for general resistive loads. * **AgSnO2:** Better for handling high inrush currents (inductive loads). #### C. Status Indicator (LED) A small surface-mount LED is integrated into the module. This allows technicians to see at a glance whether the relay is energized without using a multimeter. #### D. Polarity Protection The "R" in the model often signifies a specific wiring orientation or the inclusion of a bridge rectifier/diode circuit that allows for specific polarity handling in DC systems. --- ### 3. Connection Diagram Logic The terminal block for a KPRU-11-R generally follows this logic: | Terminal Type | Description | | :--- | :--- | | **A1 / A2** | Coil Power Input (Positive/Negative) | | **11 (COM)** | Common terminal for the switch | | **12 (NC)** | Normally Closed contact | | **14 (NO)** | Normally Open contact | --- ### 4. Applications * **PLC Output Interfacing:** Acting as a buffer between sensitive PLC outputs and heavy industrial loads. * **Signal Isolation:** Separating high-voltage AC circuits from low-voltage DC control circuits. * **Logic Expansion:** Increasing the number of available contacts for a single control signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the KPRU-11-R?
    • ⤷ How do I test if the internal coil of this relay has failed?
    • ⤷ Is there a solid-state version of the KPRU series available?