データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KPY41-R

  • AI
    ### Overview of the KPY41-R The **KPY41-R** is a specialized silicon-based pressure sensor developed by Infineon (formerly Siemens). It belongs to the KPY series of piezoresistive pressure sensors, known for their high sensitivity and stability. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the KPY41-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Pressure Range** | 0 to 2.0 | bar | | **Pressure Type** | Relative (Gauge) | - | | **Supply Voltage** | 5.0 (Typical) / 10 (Max) | V | | **Bridge Resistance** | 4.0 to 6.0 | kΩ | | **Sensitivity** | ~20 to 30 | mV/V/bar | | **Operating Temp** | -40 to +125 | °C | | **Linearity Error** | < 0.5 (Typical) | % FSO | | **Package Type** | TO-8 Metal Can | - | --- ### Internal Circuitry and Operation The KPY41-R operates on the principle of the **Wheatstone Bridge**. #### 1. Piezoresistive Effect The sensor contains four resistors diffused into a chemically etched silicon diaphragm. When mechanical pressure is applied, the silicon deforms, changing the electrical resistance of the bridge arms. #### 2. Electrical Pinout In a standard TO-8 configuration, the pins are typically assigned as follows: * **Supply (+):** Input voltage for the bridge. * **Supply (-):** Ground/Common. * **Output (+):** Positive differential voltage signal. * **Output (-):** Negative differential voltage signal. #### 3. Output Signal The output is a low-level analog voltage (millivolts). Because the signal is small, it usually requires an **Instrumentation Amplifier** (like the AD620 or INA128) to convert the signal into a range readable by a microcontroller's ADC. --- ### Key Applications * **Industrial Automation:** Monitoring pneumatic and hydraulic systems. * **Medical Devices:** Blood pressure monitoring and respiratory equipment. * **Automotive:** Manifold absolute pressure (MAP) or oil pressure sensing. * **Environmental:** Barometric pressure measurement. --- ### Design Considerations * **Temperature Compensation:** Since silicon resistors are sensitive to temperature, external circuitry or software calibration is often needed to maintain accuracy across the full temperature range. * **Media Compatibility:** The "R" in KPY41-R stands for "Relative" pressure, meaning it measures pressure relative to the atmosphere. It is generally designed for use with non-corrosive, non-conductive gases or liquids.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the KPY41-R for temperature fluctuations?
    • ⤷ What is the difference between KPY41-R and KPY41-A?
    • ⤷ Can you provide a basic schematic for an amplifier circuit for this sensor?