データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KRTB-3153-R

  • AI
    The **KRTB-3153-R** is a specific electronic component manufactured by **Kingbright**. It is a high-performance **Full-Color (RGB) Surface Mount Device (SMD) LED**. These components are widely used in applications requiring compact size and vibrant color output. --- ### 1. Key Technical Specifications The device consists of three independent LED chips (Red, Green, and Blue) integrated into a single 4-pin package. | Parameter | Red (AlGaInP) | Green (InGaN) | Blue (InGaN) | | :--- | :--- | :--- | :--- | | **Forward Voltage (Typ)** | 2.0 V | 3.3 V | 3.3 V | | **Luminous Intensity** | ~180 mcd | ~500 mcd | ~100 mcd | | **Dominant Wavelength** | 624 nm | 525 nm | 470 nm | | **Viewing Angle** | 140° | 140° | 140° | --- ### 2. Physical Construction The "3153" designation typically refers to the footprint/dimensions of the package. * **Package Type:** PLCC-4 (Plastic Leaded Chip Carrier). * **Dimensions:** Approximately 3.2mm x 2.8mm. * **Encapsulation:** Clear or diffused silicone/epoxy, depending on the specific sub-model, designed for wide viewing angles. * **Common Anode/Cathode:** Typically configured as a **Common Cathode** or **Common Anode** device, allowing independent control of each color channel via the remaining three pins. --- ### 3. Connection Diagram (General) To interface this part with a microcontroller (like an Arduino or ESP32), current-limiting resistors are required for each color channel to prevent burnout. ```cpp // Typical Hardware Setup [Pin 1] -> Red Anode -> Resistor (330Ω) -> MCU Pin [Pin 2] -> Common Cathode -> GND [Pin 3] -> Blue Anode -> Resistor (150Ω) -> MCU Pin [Pin 4] -> Green Anode -> Resistor (150Ω) -> MCU Pin ``` --- ### 4. Typical Applications Due to its small footprint and RGB capabilities, the KRTB-3153-R is commonly found in: * **Backlighting:** For LCD screens, switches, and push-buttons. * **Indicators:** Status lights for consumer electronics. * **Decorative Lighting:** LED strips or architectural accents. * **Wearables:** Due to its low power consumption and small size. --- ### 5. Design Considerations 1. **Heat Dissipation:** Although small, running all three colors at maximum brightness simultaneously generates heat. Proper PCB copper padding is recommended. 2. **PWM Control:** To achieve a full spectrum of colors (e.g., Purple, Orange, White), Pulse Width Modulation (PWM) should be used to vary the duty cycle of each channel. 3. **Moisture Sensitivity:** As an SMD component, it has a specific **MSL (Moisture Sensitivity Level)** rating. It must be stored in dry packs and baked if exposed to humidity before reflow soldering.
    ✨ Follow-up Questions
    • ⤷What are the specific resistor values needed for a 5V power supply?
    • ⤷ Is the KRTB-3153-R available in a Common Anode or Common Cathode configuration?
    • ⤷ What is the maximum forward current (If) for each color channel?