AI

The **KRTB-4AB-R** is a specific electronic component manufactured by **Rohm Semiconductor**. It is a high-efficiency, multi-color **SMD (Surface Mount Device) LED** designed for high-density mounting and compact display applications.
---
## 1. Core Technical Specifications
The KRTB-4AB-R belongs to the **PICOLED™-RGB** series. Its primary feature is the integration of three distinct LED chips (Red, Green, and Blue) within a single, ultra-small package.
| Feature | Specification |
| :--- | :--- |
| **Package Size** | 1.0 mm x 1.0 mm (1010 Metric) |
| **Colors** | RGB (Red, Green, Blue) |
| **Luminous Intensity** | R: 28mcd, G: 56mcd, B: 14mcd (Typical) |
| **Forward Voltage (Vf)** | R: 2.0V, G: 2.9V, B: 2.9V |
| **Operating Temp** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD) |
---
## 2. Key Components and Materials
The part is constructed using high-performance semiconductor materials tailored for each color spectrum:
1. **Red Die:** Typically uses **AlGaInP** (Aluminum Gallium Indium Phosphide) technology to achieve high brightness at lower voltages.
2. **Green & Blue Die:** Utilizes **InGaN** (Indium Gallium Nitride) technology, which is standard for high-efficiency blue and green light emission.
3. **Encapsulation:** The internal chips are covered with a transparent epoxy resin to protect the wire bonds while allowing maximum light transmission.
---
## 3. Circuit Configuration
The KRTB-4AB-R utilizes a **Common Anode** or **Common Cathode** configuration (depending on the specific sub-wiring of the PicoLED series, though most are individual terminal types for full control).
### Connection Diagram (Internal Logic)
```text
[Red Anode] ----|>|---- [Red Cathode]
[Green Anode] --|>|---- [Green Cathode]
[Blue Anode] ---|>|---- [Blue Cathode]
```
*Note: Because all six terminals (3 anodes, 3 cathodes) are often accessible in this package style, it allows for independent current control for precise color mixing.*
---
## 4. Typical Applications
Due to its incredibly small footprint (1.0 x 1.0 mm), this part is commonly found in:
* **Mobile Devices:** Indicator lights for smartphones and tablets.
* **Wearables:** Status LEDs for smartwatches and fitness trackers.
* **Matrix Displays:** High-resolution indoor LED signage.
* **Backlighting:** Small-scale illumination for buttons or switches.
---
## 5. Design Considerations
* **Current Limiting:** Like all LEDs, the KRTB-4AB-R requires series resistors to prevent thermal runaway. Because the Forward Voltage ($V_f$) differs between Red and Blue/Green, different resistor values must be calculated for each channel.
* **Thermal Management:** Despite its small size, the heat generated by three dies in a 1mm² area can be significant. Proper PCB copper padding is required for heat dissipation.
- ⤷
What are the specific resistor values recommended for a 5V power supply?
- ⤷ How does the PICOLED series compare to standard 0603 RGB LEDs?
- ⤷ Does the KRTB-4AB-R require a specific reflow soldering profile?