データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KRTBS-4151-R

  • AI
    ## KRTBS-4151-R Electronic Overview The **KRTBS-4151-R** is a high-performance, surface-mount (SMD) **RGB Multi-LED** manufactured by OSRAM Opto Semiconductors (now ams OSRAM). It belongs to the **DISPLIX Black** family, specifically designed for high-contrast video walls and indoor signage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **LED Type** | RGB (Red, Green, Blue) 3-in-1 | | **Package Size** | 4.5 mm x 4.1 mm x 2.1 mm | | **Package Color** | Black Surface (for high contrast) | | **Common Lead** | Common Anode | | **Operating Temp** | -40°C to +85°C | | **Viewing Angle** | 120° (Horizontal/Vertical) | --- ### 2. Individual Color Characteristics The component integrates three different chips into a single housing. Each color has distinct electrical requirements: | Color | Peak Wavelength | Typical Forward Voltage ($V_f$) | Luminous Intensity ($I_v$) | | :--- | :--- | :--- | :--- | | **Red** | ~623 nm | 2.1 V | ~750 mcd | | **Green** | ~530 nm | 2.8 V | ~1600 mcd | | **Blue** | ~470 nm | 2.9 V | ~300 mcd | *Note: Values are typical at a standard test current of 20mA.* --- ### 3. Structural Design Features The "R" in the part number and its physical build signify specific engineering choices: * **Black Package (DISPLIX Black):** The housing is black, which minimizes reflections from ambient light. This is crucial for high-end displays to ensure deep blacks and high contrast ratios. * **Encapsulation:** It typically uses a clear silicone resin or epoxy to protect the dies while allowing for wide-angle light emission. * **Thermal Management:** Designed with a robust lead frame to handle the heat dissipation of three chips firing simultaneously. --- ### 4. Typical Applications * **Full-Color Video Walls:** Used in stadiums, control rooms, and advertising screens. * **Indoor/Outdoor Signage:** High-density pixel pitches for clear image rendering. * **Architectural Lighting:** RGB color mixing for decorative accents. --- ### 5. Implementation Circuit (Simplified) To control this part, a constant current LED driver is recommended to ensure color consistency. ```cpp // Example: Basic PWM Control Logic for an RGB LED void setColor(int R, int G, int B) { analogWrite(redPin, R); // Control Red chip brightness analogWrite(greenPin, G); // Control Green chip brightness analogWrite(bluePin, B); // Control Blue chip brightness } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum forward current for each color channel in the KRTBS-4151-R?
    • ⤷ How does the Common Anode configuration affect the PCB driver design?
    • ⤷ What are the soldering profile recommendations for this SMD package?