データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KSC5019MTA..

  • AI
    ## KSC5019MTA Technical Overview The **KSC5019MTA** is a high-voltage NPN epitaxial silicon transistor designed primarily for switching applications, particularly in high-speed and high-voltage environments like horizontal deflection circuits in displays or switching power supplies. ### 1. Key Specifications The following table highlights the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating / Value | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 1500 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 800 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6 V | | **Collector Current (DC)** | $I_C$ | 2.5 A | | **Collector Dissipation ($T_C = 25^\circ C$)** | $P_C$ | 30 W | | **Junction Temperature** | $T_J$ | 150 °C | | **Package Type** | - | TO-220F (Full Pack) | --- ### 2. Functional Description The KSC5019MTA belongs to a class of power transistors optimized for efficiency in switching. * **High Voltage Capability:** With a $V_{CBO}$ of 1500V, it is capable of handling the high inductive kickback voltages found in flyback transformers and CRT monitors. * **Insulated Package (TO-220F):** The "F" suffix typically denotes a "Full Pack" or plastic-molded package. This provides internal electrical insulation, meaning no additional mica washer is required when mounting it to a heatsink, which simplifies assembly. * **Fast Switching:** It features a narrow storage time and fast fall time, reducing power loss during the transition between the "on" and "off" states. --- ### 3. Application Areas Due to its high voltage rating and current handling, it is commonly used in: 1. **Horizontal Deflection Outputs:** Specifically for small-to-medium sized color monitors or televisions. 2. **Switching Mode Power Supplies (SMPS):** Used in the primary side of the power supply to handle high-frequency switching. 3. **High-Voltage Inverters:** Industrial circuits requiring robust NPN switching. --- ### 4. PIN Configuration (Front View) Most TO-220F NPN transistors follow this standard pinout: 1. **Base (B):** Controls the flow of current between Collector and Emitter. 2. **Collector (C):** The input for the high-voltage load. 3. **Emitter (E):** Typically connected to ground or the return path.
    ✨ Follow-up Questions
    • ⤷ What are the typical equivalent replacement parts for the KSC5019MTA?
    • ⤷ How does the TO-220F package affect the thermal management of this transistor?
    • ⤷ What is the typical gain (hFE) range for this specific model?