データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KSL-42-R

  • AI
    The **KSL-42-R** is typically identified as a specialized **Electronic Limit Switch** or a **Level Sensor**, often utilized in industrial machinery, elevators, or automated conveyor systems. Below is a detailed breakdown of its electronic components, specifications, and technical characteristics. ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | Magnetic Proximity / Limit Switch | | **Contact Form** | Normally Open (NO) or Normally Closed (NC) (Model dependent) | | **Sensing Method** | Reed Switch or Hall Effect | | **Output Type** | Relay Contact or Transistor Output | | **Operating Voltage** | Typically 24V DC or 110V/220V AC (varies by sub-model) | | **Housing Material** | Impact-resistant Plastic or Aluminum Alloy | --- ### 2. Key Electronic Components The internal architecture of the KSL-42-R consists of several critical parts that allow it to function as a trigger mechanism: * **Sensing Element:** Usually a **Reed Switch** consisting of two ferromagnetic blades in a hermetically sealed glass envelope. When a magnetic field approaches, the blades touch, completing the circuit. * **Protection Circuitry:** Includes **Varistors or Diodes** to prevent back-EMF (Electromotive Force) spikes that occur when switching inductive loads. * **Contact Terminals:** High-conductivity metal pins (often silver or gold-plated) to ensure low contact resistance and prevent oxidation. * **Enclosure:** Rated for **IP65 or IP67**, protecting the internal electronics from dust, moisture, and oil common in industrial environments. --- ### 3. Connection and Wiring The KSL-42-R usually follows a standard industrial wiring color code: ```yaml Wiring Layout: - Brown: Positive Supply (+VDC) - Blue: Negative/Common (GND) - Black/White: Control Signal (Output) ``` --- ### 4. Common Applications 1. **Elevator Systems:** Used for floor leveling and door positioning to ensure the cabin stops at the precise height. 2. **Industrial Automation:** Acts as an "End-of-Travel" sensor for CNC machines or robotic arms. 3. **Safety Interlocks:** Ensures protective guards are closed before a machine can be energized. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the KSL-42-R?
    • ⤷ How does the KSL-42-R differ from a standard mechanical limit switch?
    • ⤷ Is there a specific mounting bracket required for this sensor model?