データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KSZ9563RNXC

  • AI
    The **KSZ9563RNXC** is a highly integrated, networking integrated circuit manufactured by Microchip Technology. It is a 3-port, 10/100/1000 Mbps Ethernet switch with advanced management features, designed primarily for industrial and automotive applications. --- ## 1. Core Technical Specifications The following table outlines the fundamental hardware characteristics of the KSZ9563RNXC: | Feature | Specification | | :--- | :--- | | **Ports** | 3 Total (2x 10/100/1000 Copper PHYs, 1x RGMII/MII/RMII) | | **Interface** | RGMII / MII / RMII (for host processor connection) | | **Management** | I2C, SPI, or MIIM (MDIO) | | **Voltage Supply** | 1.1V (Core), 1.8V/2.5V/3.3V (I/O) | | **Package** | 64-pin VQFN (8mm x 8mm) | | **Operating Temp** | 0°C to +70°C (Commercial Grade) | --- ## 2. Key Internal Components ### A. Integrated PHYs The chip contains two 10/100/1000BASE-T transceivers (PHYs). These handle the physical signaling over twisted-pair copper cables, including: * **Auto-negotiation:** Automatically detects speed and duplex mode. * **MDI/MDI-X:** Automatic crossover detection. ### B. The Switch Engine The "brain" of the chip is a high-performance switch fabric that supports: * **VLAN Support:** IEEE 802.1Q tagging and port-based VLANs. * **QoS (Quality of Service):** Prioritizes traffic based on IPv4/IPv6 headers or MAC addresses. * **IGMP Snooping:** Efficiently manages multicast traffic. ### C. Time Synchronization (IEEE 1588v2) One of the standout features is the hardware support for the **Precision Time Protocol (PTP)**. This allows the chip to timestamp packets with nanosecond accuracy, which is essential for industrial automation and synchronized robotics. --- ## 3. Configuration & Communication Interfaces To configure the registers within the KSZ9563RNXC, developers typically use one of the following methods: ```c /* Example: Conceptual SPI Register Write for KSZ9563 */ void ksz9563_write_reg(uint16_t addr, uint32_t data) { spi_select_chip(); spi_send_byte(0x40 | (addr >> 8)); // Command + Addr High spi_send_byte(addr & 0xFF); // Addr Low spi_send_uint32(data); // 32-bit Register Data spi_deselect_chip(); } ``` * **SPI/I2C:** Used for fast access to all internal registers and the MIB (Management Information Base) counters. * **RGMII:** The Reduced Gigabit Media Independent Interface is the high-speed data path used to connect the switch to a CPU or FPGA. --- ## 4. Hardware Design Considerations When integrating this part into a PCB, pay attention to these critical electronic factors: 1. **Power Sequencing:** The 1.1V core voltage must be stable before or during the I/O voltage ramp-up. 2. **Clocking:** Requires a 25MHz crystal or an external oscillator. 3. **Thermal Pad:** The VQFN package has an exposed pad that **must** be soldered to the PCB ground plane for both electrical grounding and heat dissipation. 4. **Termination:** Integrated termination resistors are usually present, but trace impedance must be strictly controlled at 100Ω differential for Ethernet pairs.
    ✨ Follow-up Questions
    • ⤷What are the power consumption differences between the KSZ9563 and the KSZ9893?
    • ⤷ Does the KSZ9563RNXC support AVB (Audio Video Bridging)?
    • ⤷ How do I implement PTP synchronization using this chip?