データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KTS-12-R

  • AI
    The **KTS-12-R** is an electronic component primarily classified as a **0.8-Ampere, 1200-Volt Silicon Controlled Rectifier (SCR)** or a sensitive gate thyristor. It is commonly used in power control applications where high voltage switching is required with minimal trigger current. --- ### 1. Key Technical Specifications The electrical characteristics define how the component behaves under load. | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Peak Repetitive Off-State Voltage** | $V_{DRM}$ / $V_{RRM}$ | 1200 V | | **On-State RMS Current** | $I_{T(RMS)}$ | 0.8 A | | **Gate Trigger Current** | $I_{GT}$ | $\leq$ 200 µA | | **Peak Surge Current** | $I_{TSM}$ | 8 A (at 60Hz) | | **Operating Temperature** | $T_j$ | -40°C to +125°C | --- ### 2. Physical Design and Pinout The KTS-12-R is typically housed in a **TO-92** package (a small, plastic 3-pin transistor-style housing). * **Pin 1: Cathode (K)** - The negative terminal. * **Pin 2: Gate (G)** - The control terminal used to trigger the SCR. * **Pin 3: Anode (A)** - The positive terminal. --- ### 3. Electronic Functional Parts To understand the KTS-12-R, one must look at its internal semiconductor structure: #### A. The P-N-P-N Junction Internally, the KTS-12-R consists of four layers of alternating P-type and N-type semiconductor material. This creates three P-N junctions. It acts as a "latching" switch—once it is turned on by the Gate, it stays on even if the gate signal is removed, provided current continues to flow from Anode to Cathode. #### B. Sensitive Gate Architecture The "R" suffix or specific sensitive gate designation indicates that it requires a very low current (microamps) to switch. This allows the part to be driven directly by low-power microcontrollers or sensors without needing a driver transistor. #### C. High Voltage Passivation Because the part is rated for **1200V**, the silicon chip inside is treated with glass passivation. This is a thin layer of glass applied to the junction surfaces to prevent leakage current and protect the part from environmental degradation. --- ### 4. Typical Applications Because of its high voltage rating and low current capacity, it is used in: * **Ignition Circuits:** Small engine ignitions or gas cookers. * **Voltage Regulation:** Earth leakage circuit breakers (ELCB) and Ground Fault Circuit Interrupters (GFCI). * **Static Switching:** Controlling small AC loads like solenoid valves or neon lamps. * **Protection Circuits:** Crowbar protection against overvoltage.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the KTS-12-R and a standard BT169 SCR?
    • ⤷ How do you calculate the gate resistor for a KTS-12-R when using a 5V microcontroller?
    • ⤷ Can the KTS-12-R be used for DC-to-DC power conversion?