データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KTS-6B-R

  • AI
    The **KTS-6B-R** is an electronic component primarily categorized as a **surface-mount (SMT) tactile switch** or a specific type of **DC power jack/connector**, depending on the manufacturer (most commonly associated with **Kingstate** or **Kycon** series parts). In the context of consumer electronics, it is frequently used as a power interface or a control switch. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for the KTS-6B-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch / DC Power Jack (Series Dependent) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Rated Voltage** | 12V - 24V DC | | **Rated Current** | 50mA (Switch) / 2A-5A (Power Jack) | | **Contact Resistance** | ≤ 100 mΩ | | **Insulation Resistance** | ≥ 100 MΩ at 100V DC | | **Operating Force** | 160gf to 250gf (for switch variants) | | **Durability** | 50,000 to 100,000 cycles | --- ## 2. Key Electronic Components & Materials The internal structure of the KTS-6B-R consists of several critical parts that ensure electrical conductivity and mechanical stability: ### A. Contact Terminals * **Material:** Usually Phosphor Bronze or Brass. * **Plating:** Silver or Gold plating to prevent oxidation and ensure low contact resistance over time. ### B. Actuator (Stem) * **Material:** High-temperature Thermoplastic (e.g., LCP or Nylon 6T). * **Function:** This is the part the user presses. It is designed to withstand the heat of reflow soldering. ### C. Metal Cover/Shield * Provides mechanical strength to the component and acts as a ground point to reduce Electromagnetic Interference (EMI). ### D. Internal Spring/Dome * A stainless steel snap-dome that provides the "tactile" click feeling and completes the circuit when depressed. --- ## 3. Circuit Application In a standard PCB design, the KTS-6B-R is integrated as follows: ```circuit [Input Signal] ----| KTS-6B-R |---- [MCU GPIO / Power Rail] | [Ground] ``` * **Pull-up/Pull-down Resistors:** Usually paired with a 10kΩ resistor to ensure a stable logic state when the switch is open. * **Debouncing:** Because it is a mechanical part, it requires a small capacitor (e.g., 0.1µF) or software debouncing to prevent multiple signals from a single press. --- ## 4. Common Use Cases 1. **Consumer Electronics:** Power buttons on Bluetooth speakers, cameras, or handheld gaming devices. 2. **Home Automation:** Reset buttons on smart plugs or IoT hubs. 3. **Industrial:** Interface triggers on handheld scanners or diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What are the soldering temperature requirements for the KTS-6B-R during PCB assembly?
    • ⤷ Does the 'R' suffix in KTS-6B-R indicate Tape & Reel packaging for automated pick-and-place?
    • ⤷ How do I implement a hardware debounce circuit for this specific switch?