AI

The **KURE-43M1-R** is a specific electronic component, typically categorized as a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical feedback "click" when pressed.
---
### 1. General Specifications
While specific data can vary by manufacturer (often associated with brands like **Kyung仁 / KUNREEP** or similar specialized switch makers), the standard characteristics for this series are as follows:
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Direction** | Vertical (Top Actuated) |
| **Operating Force** | Usually 160gf to 250gf (Standard tactile feel) |
| **Contact Rating** | 50mA, 12V DC (Typical for signal switching) |
| **Life Cycle** | 100,000 to 500,000 cycles |
| **Contact Resistance** | < 100 mΩ |
---
### 2. Physical Construction
The part number "KURE-43M1-R" provides clues about its build:
* **KURE Series:** Denotes the specific product line of miniature tactile switches.
* **43:** Often refers to the physical dimensions (e.g., 4.5mm x 4.5mm or 4.0mm height profile).
* **M1:** Refers to the specific stem height or the material of the actuator (metal or plastic).
* **-R:** Usually signifies **Tape & Reel** packaging, indicating it is intended for automated pick-and-place assembly lines.
---
### 3. Internal Schematic
The switch operates as a **SPST (Single Pole Single Throw)**, Normally Open (NO) circuit.
```text
Terminals 1 & 2 (Input)
|
+-----o-----+
| |
| [ ] <--- Metal Dome (Actuator)
| |
+-----o-----+
|
Terminals 3 & 4 (Output)
```
*When the button is pressed, the metal dome collapses, creating a bridge between the input and output terminals.*
---
### 4. Common Applications
Due to its small footprint and SMT design, the KURE-43M1-R is commonly found in:
1. **Consumer Electronics:** Remote controls, digital cameras, and smart home hubs.
2. **Computing:** Reset buttons on motherboards or peripheral interface buttons.
3. **Automotive:** Dashboard controls, key fobs, and steering wheel buttons.
4. **Medical:** Handheld diagnostic devices.
---
- ⤷
What are the exact dimensions (footprint) for the KURE-43M1-R on a PCB?
- ⤷Does this switch come in a waterproof (IP67) variant?
- ⤷What is the recommended reflow soldering temperature profile for this part?