データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KUS-54-R

  • AI
    The **KUS-54-R** is a specific model of an **Ultrasonic Sensor** typically used for distance measurement, proximity sensing, or object detection in industrial automation. It is designed to emit high-frequency sound waves and calculate distance based on the time-of-flight (ToF) principle. --- ## 1. Core Technical Specifications The electronic performance of the KUS-54-R is defined by its sensing range and electrical output characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Sensing Range** | 100 mm to 1000 mm (varies by sub-model) | | **Operating Voltage** | 10 - 30 V DC | | **Output Type** | Analog (0-10V or 4-20mA) or Switching (PNP/NPN) | | **Response Time** | < 100 ms | | **Transducer Frequency** | ~300 kHz | | **Connection Type** | M12 Connector (4-pin or 5-pin) | --- ## 2. Electronic Components & Internal Working The device consists of several critical electronic sub-systems integrated into its cylindrical housing: ### A. The Piezoelectric Transducer The heart of the sensor. It contains a ceramic element that: * **Transmits:** Converts electrical pulses into ultrasonic vibrations. * **Receives:** Converts returning echoes (mechanical stress) back into small electrical voltages. ### B. Signal Processing Unit (ASIC) Internal circuitry handles the complex math required for accuracy: * **Amplifier:** Boosts the weak electrical signal received from the echo. * **Microcontroller:** Measures the precise time interval between transmission and reception. * **Temperature Compensation:** Many KUS-54 models include an internal thermistor to adjust calculations based on air temperature (since the speed of sound changes with heat). ### C. Output Stage * **D/A Converter:** For analog models, it converts the digital distance value into a stable 4-20mA current or 0-10V voltage. * **Transistor Switch:** For discrete models, it triggers a PNP or NPN transistor when an object enters the "Teach-in" zone. --- ## 3. Wiring Configuration Standard wiring for the KUS-54-R series typically follows the industrial M12 color code: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +VCC (10-30V DC) | | 2 | White | Teach-in / Mode Select | | 3 | Blue | GND (0V) | | 4 | Black | Signal Output (Analog or Switching) | --- ## 4. Key Electronic Features * **Short-Circuit Protection:** Protects the internal electronics if the output is wired incorrectly. * **Reverse Polarity Protection:** Prevents damage if the positive and negative power leads are swapped. * **Teach-In Functionality:** Electronic buttons or a dedicated wire allow the user to set the sensing window limits without needing a physical potentiometer.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the sensing range using the Teach-in wire?
    • ⤷ What is the difference between the 4-20mA and 0-10V output options for this model?
    • ⤷ Can this sensor detect transparent objects like glass or plastic?