データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KUS-62-R

  • AI
    The **KUS-62-R** is a specific model of an **Ultrasonic Sensor** typically used in industrial automation for distance measurement, level sensing, and object detection. It is often associated with manufacturers like *PIL Sensoren* or *Pepperl+Fuchs* (though specific prefixes may vary). Below is a breakdown of the electronic components, specifications, and operational characteristics. --- ### 1. Technical Specifications The electronics of the KUS-62-R are designed to convert ultrasonic sound waves into readable electrical signals. | Feature | Description | | :--- | :--- | | **Transducer Frequency** | Usually around 200 kHz - 300 kHz | | **Operating Voltage** | 10V to 30V DC | | **Output Type** | Analog (0-10V or 4-20mA) or Switching (PNP/NPN) | | **Sensing Range** | Typically 100mm to 6,000mm (depends on specific sub-variant) | | **Connection Type** | M12 Connector (4-pin or 5-pin) | | **Protection Class** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Internal Electronic Architecture The sensor consists of several key electronic subsystems: #### A. The Piezoelectric Transducer This is the "heart" of the sensor. It contains a ceramic element that: * **Transmits:** Converts electrical pulses into high-frequency sound waves. * **Receives:** Converts the reflected sound waves (echoes) back into low-voltage electrical signals. #### B. Signal Processing Unit (ASIC/Microcontroller) The internal circuitry processes the "Time of Flight" (ToF). 1. **Pulse Generation:** A circuit triggers the transducer to fire. 2. **Echo Detection:** An amplifier boosts the weak return signal. 3. **Calculation:** The microcontroller calculates the distance using the formula: `Distance = (Speed of Sound × Time) / 2` #### C. Temperature Compensation Because the speed of sound changes with air temperature, the KUS-62-R includes an **Internal NTC Thermistor**. This allows the electronics to adjust the distance calculation in real-time to maintain accuracy. --- ### 3. Connection & Wiring The device typically uses a standard industrial pinout for its electronic interface: ```text Pin 1: Brown (+) -> 10-30V DC Power Supply Pin 2: White ( ) -> Analog Output / Configuration line Pin 3: Blue (-) -> 0V / Ground Pin 4: Black (S) -> Switching Output (PNP/NPN) ``` --- ### 4. Key Features of the "R" Series The "R" suffix in the KUS-62 series often denotes specific electronic enhancements: * **RS232/RS485 Interface:** Some versions allow for digital serial communication for parameter setting via PC. * **Synchronization Input:** Electronic logic that allows multiple sensors to work side-by-side without acoustic interference (cross-talk). * **Beam Shaping:** The internal housing is designed to focus the ultrasonic lobe to avoid detecting side-walls in narrow tanks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the KUS-62-R model?
    • ⤷ How do you configure the switching points on this sensor?
    • ⤷ Can the KUS-62-R be used for liquid level sensing in chemical tanks?