データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KV-KC-R/CE

  • AI
    The **KV-KC-R/CE** is a specific electronic peripheral module, typically associated with the **Keyence KV Series** (specifically the KV-5000/3000/700 series) of Programmable Logic Controllers (PLCs). This part is a **Connector-to-Terminal Conversion Unit** designed to simplify wiring between high-density I/O modules and field devices. ### 1. Technical Specifications Overview | Component | Specification | | :--- | :--- | | **Model Type** | MIL Connector to Terminal Block Conversion | | **Connector Type** | 40-pin MIL (Header) | | **Terminal Type** | Screw-terminal (M3 size) | | **Mounting** | DIN Rail or Screw Mount | | **Voltage Rating** | 24V DC (Standard PLC I/O) | | **Current Rating** | ~0.5A to 1A per point (dependent on board traces) | --- ### 2. Key Electronic Features #### A. Signal Routing (1:1 Mapping) The primary electronic function of the KV-KC-R/CE is to provide a physical interface that maps the high-density pins of a 40-pin MIL connector (found on the PLC high-speed I/O cards) to individual, labeled screw terminals. This eliminates the need for manual soldering or crimping of individual wires into high-density plugs. #### B. The "R/CE" Designation * **R (Relay/Remote Capability):** Often indicates a version optimized for relaying signals or specific wiring configurations used in European (CE) standards. * **CE (Conformité Européenne):** This confirms the part meets European safety, health, and environmental protection requirements. Electronically, this implies built-in noise suppression and proper grounding paths to comply with EMC (Electromagnetic Compatibility) directives. #### C. PCB Construction The internal circuitry consists of a multi-layer Printed Circuit Board (PCB). The traces are designed to handle the fast switching frequencies of the KV-series high-speed counters and pulse outputs without significant signal degradation or cross-talk. --- ### 3. Application and Wiring In a typical setup, the KV-KC-R/CE sits between the PLC and the machine's sensors/actuators. 1. **Input Side:** A dedicated ribbon cable (e.g., OP-22132) connects the PLC I/O card to the 40-pin MIL header on the KV-KC-R. 2. **Output Side:** Field wires (24V, Common, and Signal) are screwed into the terminals. 3. **Circuit Protection:** While the unit itself is passive, it provides a stable platform for adding external flyback diodes or fuses if required by the specific inductive load being switched. --- ### 4. Why it is used * **Maintenance:** If a PLC module fails, you only need to unplug the MIL connector rather than unscrewing 40 individual wires. * **Space Efficiency:** It allows for very thin PLC modules (high density) while moving the bulky wiring to a more accessible part of the electrical cabinet. * **Signal Integrity:** Using a pre-manufactured conversion board reduces wiring errors (shorts) compared to manual point-to-point wiring.
    ✨ Follow-up Questions
    • ⤷ What is the compatible cable model for connecting the KV-KC-R/CE to a KV-7500 PLC?
    • ⤷ How does the 'CE' certification specifically affect the wiring requirements for this module?
    • ⤷ Can this unit be used for analog signals
    • ⤷ or is it strictly for digital I/O?