データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KVS-CD-R

  • AI
    The **KVS-CD-R** series (often associated with Keyence or specialized industrial automation sensors) typically refers to high-precision photoelectric sensors or laser distance measurement components. Below is a breakdown of the electronic components and technical characteristics common to these types of devices. --- ### 1. Core Electronic Components The device operates using a combination of optical transmission and signal processing electronics: | Component | Function | | :--- | :--- | | **Laser Diode (LD)** | The light source that emits a concentrated beam (usually Red Laser Class 1 or 2). | | **CMOS/CCD Image Sensor** | The receiving element that detects the position of the reflected light beam. | | **Signal Processor (DSP/ASIC)** | Converts the raw analog signal from the sensor into digital distance data. | | **Output Circuit** | Manages the interface (NPN/PNP or Analog 4-20mA) to a PLC or controller. | --- ### 2. Technical Specifications These devices are designed for high-speed industrial environments. Key electronic parameters include: * **Supply Voltage:** Typically **12–24 VDC** (standard for industrial control panels). * **Current Consumption:** Usually ranges from **35mA to 50mA** depending on the laser intensity. * **Response Time:** Capable of ultra-fast switching, often as low as **1.5 ms to 5 ms**. * **Control Output:** Most models feature a **Push-Pull** output, allowing for both NPN and PNP compatibility. --- ### 3. Electronic Features & Protections To ensure longevity in factory settings, the KVS-CD-R series incorporates several electronic protection layers: 1. **Reverse Polarity Protection:** Prevents damage if the power wires are connected incorrectly. 2. **Short-Circuit Protection:** Shuts down the output if a wiring fault occurs to prevent internal burning. 3. **Mutual Interference Suppression:** Electronic logic that allows multiple sensors to be mounted close together without their laser beams confusing one another. 4. **Automatic Sensitivity Adjustment:** The internal circuitry adjusts the laser power based on the reflectivity of the target (e.g., matte black vs. shiny metal). --- ### 4. Wiring Diagram Representation In a typical setup, the electronics are connected via a 4-pin or 5-pin M8/M12 connector: ```markdown Brown (+) ---- [ 12-24 VDC Power ] Blue (-) ---- [ 0V / Ground ] Black (Q) ---- [ Digital Output ] White (I) ---- [ Analog / Remote ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific sensing range of the KVS-CD-R series?
    • ⤷ How do you calibrate the CMOS sensor for different material surfaces?
    • ⤷ What is the difference between NPN and PNP output in these sensors?