データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KVS-CF-R

  • AI
    The **KVS-CF-R** typically refers to a high-performance **Electronic Expansion Valve (EEV)** series, often associated with manufacturers like Danfoss or specialized industrial cooling providers. These valves are designed for precise refrigerant flow control in air conditioning and refrigeration systems. --- ### 1. Key Electronic Components The KVS-CF-R operates via an integration of mechanical hardware and electronic control signals. | Component | Description | Function | | :--- | :--- | :--- | | **Stepper Motor** | A bipolar permanent magnet motor. | Converts electrical pulses into precise mechanical rotation to move the valve pin. | | **Driver/Controller** | An external electronic module (e.g., EKD 316). | Processes sensor data and sends step commands to the motor. | | **Connection Cable** | Typically a 4-wire M12 connector. | Transmits the phases (A, B, /A, /B) to the motor coils. | | **Sensors** | Pressure transducers and NTC thermistors. | Provide feedback loops for calculating superheat or suction pressure. | --- ### 2. Electrical Specifications The electronic performance of the KVS-CF-R is defined by its step resolution and power requirements. * **Motor Type:** Bipolar Stepper. * **Step Precision:** High-resolution positioning (usually 2625 or 3810 steps depending on the specific sub-model). * **Phase Resistance:** Typically around **52 Ohms** per phase. * **Step Rate:** Standard operation at **30 steps/second** (can vary based on controller settings). * **Total Stroke Time:** Approximately 80–130 seconds from fully closed to fully open. --- ### 3. Connection Diagram Logic The 4-wire configuration allows the controller to reverse the polarity of the coils to move the valve in both directions. ```python # Conceptual Wiring Logic (M12 Connector) Pin_1 = "Phase A" Pin_2 = "Phase A- (Return)" Pin_3 = "Phase B" Pin_4 = "Phase B- (Return)" # Logic: # Energize A -> B -> A- -> B- to OPEN # Energize B- -> A- -> B -> A to CLOSE ``` --- ### 4. Operational Features 1. **High Resolution:** The electronic control allows for a very fine "opening degree," preventing hunting in the refrigeration cycle. 2. **MOP (Maximum Operating Pressure):** The electronic controller can be programmed to limit the valve opening to prevent compressor motor overload. 3. **Fail-Safe:** While the valve itself stays in its last position upon power loss, most electronic systems pair it with a **Battery Backup (UPS)** or a solenoid valve to ensure a "Safety Shut-off."
    ✨ Follow-up Questions
    • ⤷What are the compatible electronic controllers for the KVS-CF-R series?
    • ⤷ How do you troubleshoot a stepper motor failure in an EEV?
    • ⤷ What is the difference between a bipolar and unipolar stepper motor in refrigeration valves?