データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KVS-DF-R

  • AI
    The **KVS-DF-R** is a specific series of constant air volume (CAV) controllers, typically used in HVAC systems for maintaining precise airflow regardless of pressure fluctuations. While the unit is mechanical in its primary regulation, the "R" designation often refers to an electronic interface or specific motorized control variant. ### Core Electronic Components The electronic operation of the KVS-DF-R revolves around the interaction between sensors and the actuator motor. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Electronic Actuator** | Drives the damper blade to the set position. | Typically 24V AC/DC supply; uses a brushless DC motor for longevity. | | **Potentiometer** | Manual setpoint adjustment. | Allows for local configuration of the Vmin/Vmax air volume limits. | | **Feedback Signal** | Communication with BMS. | Usually provides a 0-10V or 2-10V DC signal representing the current blade position. | | **Control Signal Input** | External setpoint control. | Receives 0-10V DC or 2-10V DC from a central building controller to adjust airflow dynamically. | --- ### Technical Specifications (Electronic Profile) The following table summarizes the electrical characteristics common to this series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V AC/DC ± 20% | | **Power Consumption** | 2.0 W (Operating) / 0.5 W (Standby) | | **Control Type** | Modulating (0...10V) or 3-point | | **Connection Type** | Terminal block or PVC Cable (approx. 1m) | | **Protection Class** | IP54 (dust and splash water protection) | --- ### Operating Principle 1. **Sensing:** The unit uses an internal mechanical leaf spring or bellows to react to pressure changes. 2. **Electronic Override:** The electronic actuator (the "R" component) overrides or adjusts the mechanical setpoint based on the signal received from the Building Management System (BMS). 3. **Regulation:** If the duct pressure rises, the mechanical component compensates, while the electronic actuator ensures the total volume remains within the programmed parameters. --- ### Wiring Logic Typical wiring for the KVS-DF-R motorized version follows standard HVAC color coding: - **Wire 1 (Black/Blue):** Common / Ground (-) - **Wire 2 (Red):** Hot / Power (+) - **Wire 3 (White/Grey):** Input Signal (0-10V) - **Wire 4 (Orange):** Feedback Signal (0-10V)
    ✨ Follow-up Questions
    • ⤷ What is the difference between the mechanical and electronic versions of the KVS series?
    • ⤷ Can the KVS-DF-R be integrated into a Modbus or BACnet network?
    • ⤷ What are the maintenance requirements for the electronic actuator in this unit?