データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWDY-CB-R

  • AI
    The **KWDY-CB-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Wire-Wound Ceramic Inductor**. These parts are frequently used in Radio Frequency (RF) and high-frequency communication circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The "KWDY" series represents high-frequency chip inductors characterized by a ceramic core and a wire-wound structure. This design allows for high "Q" factors and excellent stability. ### 2. Technical Specifications While specific values (like inductance in Henries) depend on the digits following the series code, the general characteristics of the **KWDY-CB-R** series are: | Feature | Specification Details | | :--- | :--- | | **Material Type** | Ceramic Core (Non-magnetic) | | **Construction** | Wire-Wound (Precision copper winding) | | **Tolerance** | Typically ±2%, ±5%, or ±10% | | **Operating Temp** | -40°C to +125°C | | **Termination** | Gold or Tin plating (RoHS compliant) | | **Mounting Type** | SMD (Surface Mount Device) | ### 3. Key Electronic Functions The KWDY-CB-R performs several critical roles in a circuit: * **High Q-Factor:** The "Quality Factor" is high due to the ceramic core, meaning it has very low energy loss. This is essential for sharp resonance in filter circuits. * **SRF (Self-Resonant Frequency):** Designed to operate at very high frequencies (into the GHz range) before becoming capacitive. * **Impedance Matching:** Used to match the impedance between different stages of an RF amplifier to ensure maximum power transfer. * **DC Resistance (DCR):** The wire-wound nature ensures a lower DCR compared to multilayer inductors, allowing for higher current handling. ### 4. Application Areas These parts are commonly found in: 1. **Mobile Communication:** Smartphones, GPS modules, and Wi-Fi routers. 2. **RF Infrastructure:** Base stations and signal repeaters. 3. **Broadcasting:** Digital TV tuners and satellite receivers. 4. **Bluetooth Devices:** Small-scale wireless wearables. --- ### Example Code: Footprint Definition If you are using this part in an EDA tool like Altium or KiCad, the footprint is usually defined by its EIA case size (e.g., 0402, 0603, or 0805). ```yaml # Hypothetical KiCad Footprint Properties Component: KWDY-CB-R Case_Size: 0603 (Metric 1608) Land_Pattern: - Pad_Width: 1.02mm - Pad_Length: 0.64mm - Spacing: 0.64mm ```
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 'R' variant of this series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the soldering temperature profiles recommended for the KWDY series?