データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWDY-CE-R

  • AI
    The **KWDY-CE-R** refers to a specific series of high-quality **Miniature Reed Relays** manufactured by **KWD (KWD Relays)**. These components are primarily used in high-precision measurement, telecommunications, and industrial control systems due to their small footprint and high reliability. --- ### 1. Component Overview A Reed Relay consists of a reed switch (two thin metal blades in a glass tube) surrounded by an electromagnetic copper coil. When current flows through the coil, it creates a magnetic field that closes the reed switch contacts. | Feature | Specification Details | | :--- | :--- | | **Package Type** | DIL (Dual-In-Line) or SIL (Single-In-Line) | | **Contact Form** | Usually 1 Form A (SPST-NO) | | **Coil Voltage** | Typically 5V, 12V, or 24V DC | | **Switching Speed** | Very High (< 1ms) | | **Contact Material** | Rhodium or Ruthenium (for long life) | --- ### 2. Key Electronic Characteristics The "CE-R" designation often implies specific compliance and build standards (such as RoHS compliance or specific resistance ratings). * **Isolation Resistance:** These relays offer extremely high isolation between the coil and the contacts (often $> 10^{10} \Omega$), making them ideal for sensitive signal switching. * **Low Contact Resistance:** Designed to maintain low and stable resistance over millions of operations. * **Protection:** Most KWDY units are **Hermetically Sealed**, protecting the internal contacts from oxidation, dust, and moisture. * **Integrated Diode (Optional):** Many models in this series include an internal "Flyback Diode" connected across the coil to protect driving circuitry from voltage spikes when the relay de-energizes. --- ### 3. Pinout and Internal Structure While specific datasheets should be consulted for the exact footprint, the standard DIL configuration typically follows this logic: ```text Top View (Typical 14-pin DIL Layout) +-----------------------+ | 1 2 3 4 5 6 7 | <-- Pin 1 & 14: Contact 1 | | <-- Pin 2 & 6: Coil (Example) | 14 13 12 11 10 9 8 | +-----------------------+ ``` --- ### 4. Common Applications * **ATE (Automatic Test Equipment):** Switching signals in semiconductor testing. * **Medical Electronics:** Used in diagnostic equipment where high isolation is required. * **Security Systems:** Low power consumption and high reliability for sensor loops. * **Instrumentation:** Signal routing in oscilloscopes and multimeters.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your version of the KWDY-CE-R?
    • ⤷ Do you need a wiring diagram for the DIL vs. SIL package types?
    • ⤷ Are you looking for an equivalent replacement from a different manufacturer like Magnecraft or Standex?