AI

The **KWMS2-ZB-R** is an electronic component primarily classified as a **Zigbee-based Smart Wall Switch Module**. It is designed to be installed behind a standard wall switch or within an electrical junction box to provide "smart" functionality to traditional lighting systems.
---
## Technical Specifications
The following table outlines the core electronic and functional characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Wireless Protocol** | Zigbee 3.0 |
| **Input Voltage** | 100-240V AC (50/60Hz) |
| **Max Load (Resistive)** | 10A / 2300W |
| **Max Load (LED)** | 250W |
| **Channels** | 2-Gang (Controls two independent circuits) |
| **Operating Temp** | -10°C to +40°C |
| **Dimensions** | Approx. 46 x 46 x 18 mm (Compact DIY form factor) |
---
## Key Electronic Components & Design
### 1. Wireless Microcontroller (Zigbee SoC)
The heart of the module is a **System-on-Chip (SoC)** that integrates a microcontroller unit (MCU) with a 2.4GHz radio transceiver. It manages the Zigbee mesh networking stack, allowing the device to act as a "router" or "end-device" within a smart home ecosystem (like Philips Hue, Tuya, or Home Assistant).
### 2. Power Supply Unit (AC-DC Converter)
Since the internal electronics operate on low-voltage DC (usually 3.3V or 5V), the module contains a small **Switch-Mode Power Supply (SMPS)**. This converts the high-voltage mains AC into a stable DC current for the SoC and the relay coils.
### 3. Electromechanical Relays
To switch the lights on and off, the module uses **relays**. These act as physical gates. When the Zigbee chip receives an "ON" command, it sends a signal to the relay coil, which closes the circuit and allows current to flow to the light bulb.
### 4. Antenna System
The device typically features a **PCB Trace Antenna** or a small wire antenna. It is tuned to the 2.4GHz frequency to ensure reliable communication with the Zigbee hub even when tucked inside a wall cavity.
---
## Functional Features
* **2-Gang Support:** Unlike single-switch modules, the "2" in KWMS2 signifies it can control two separate light sources independently.
* **Manual Override:** The module includes input terminals ($S1, S2$) to connect existing physical wall switches. This allows the lights to be toggled manually without using an app.
* **App & Voice Integration:** Once paired with a Zigbee gateway, it can be controlled via platforms like Amazon Alexa, Google Assistant, or Zigbee2MQTT.
* **Neutral Wire Requirement:** Most "R" series modules in this category require a **Neutral wire** for constant power to the Zigbee chip, though some variants are designed for "No-Neutral" setups (always verify your specific wiring).
---
- ⤷
Does this module require a specific Zigbee gateway to function?
- ⤷ What is the difference between a 1-Gang and a 2-Gang wiring configuration?
- ⤷ How do you reset the KWMS2-ZB-R to pairing mode?