データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWMS2-ZF-R

  • AI
    The **KWMS2-ZF-R** is an electronic component typically categorized as a **Micro-Switch** or a **Limit Switch**. These parts are designed for precision switching in industrial automation, appliances, and security systems. Below is a detailed breakdown of its specifications, construction, and functionality. --- ### 1. Technical Specifications The "KW" series generally follows international standards for miniature snap-action switches. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Snap-action Micro Switch | | **Actuator Style** | Roller Lever (ZF suffix often denotes lever type) | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Contact Rating** | 5A to 10A at 125/250VAC | | **Operating Force** | 0.5N to 1.5N (Model dependent) | | **Terminal Type** | Solder or Quick Connect (0.110") | | **Durability** | ~1,000,000 Mechanical Cycles | --- ### 2. Key Electronic Parts & Construction The internal mechanism of the KWMS2-ZF-R consists of several critical sub-components: 1. **Actuator (Roller Lever):** The "ZF" designation usually refers to a stainless steel lever with a small roller at the tip. This reduces friction when the switch is triggered by a moving cam or sliding object. 2. **Snap-Action Spring:** A beryllium copper or stainless steel spring that ensures the contacts move instantly regardless of the speed of the physical actuation. 3. **Contacts:** Usually made of **Silver Alloy**. Silver provides excellent conductivity and resists "pitting" or oxidation during high-voltage switching. 4. **Housing:** Made of **PBT (Polybutylene Terephthalate)** or Phenolic resin, which provides high heat resistance and electrical insulation. 5. **Terminals:** Three pins are usually present: * **COM (Common):** The input power. * **NO (Normally Open):** Circuit closes when pressed. * **NC (Normally Closed):** Circuit opens when pressed. --- ### 3. Application Use Cases Because of the **Roller Lever (R)** design, this part is ideal for: * **Door Interlocks:** Detecting if a microwave or printer door is closed. * **Conveyor Systems:** Counting items as they pass over the roller. * **CNC Machines:** Serving as a "Home" or "Limit" sensor to stop the motor at the end of its travel path. * **Vending Machines:** Detecting the movement of product dispensing coils. --- ### 4. Circuit Diagram Representation In a schematic, the device is represented as a change-over switch: ```text (NC) ---| (COM) ---------| (Normal State) (NO) --- (Disconnected) (NC) --- (Disconnected) (COM) ---------| (Actuated State) (NO) ---| ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ZF-R and the standard ZF actuator?
    • ⤷ Can this switch handle DC voltage higher than 24V?
    • ⤷ How do I wire this switch for a 'normally closed' safety circuit?