データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWN-R-50

  • AI
    The **KWN-R-50** is a high-performance industrial fuse manufactured by **Eaton (Bussmann Series)**. It is specifically designed for power distribution and motor protection applications. --- ## 1. Technical Specifications The following table outlines the core electrical characteristics of the KWN-R-50: | Feature | Specification | | :--- | :--- | | **Part Number** | KWN-R-50 | | **Fuse Class** | Class RK1 | | **Current Rating** | 50 Amps | | **Voltage Rating (AC)** | 250 VAC | | **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) | | **Response Time** | Fast-Acting | | **Body Material** | Melamine (Fiberglass) | | **Terminal Type** | Blade / Ferrule (Cartridge) | --- ## 2. Key Electronic Features ### A. Class RK1 Performance The "R" in the part number signifies its classification. Class RK1 fuses are highly current-limiting. They are designed to replace older Class H or K fuses to provide superior protection against short circuits. ### B. High Interrupting Capacity With a rating of **200kA**, this fuse can safely interrupt extremely high fault currents without exploding or damaging the surrounding equipment. This makes it suitable for main service entrances and heavy industrial panels. ### C. Fast-Acting Response Unlike "Time-Delay" fuses (which allow for temporary surges like motor startups), the KWN-R-50 is **Fast-Acting**. It is engineered to open quickly when an overcurrent occurs, providing maximum protection for sensitive electronic components and non-inductive loads. --- ## 3. Physical Dimensions The KWN-R-50 follows standard physical sizing for 250V, 31-60A cartridge fuses: * **Length:** Approximately 3.0 inches (76.2 mm) * **Diameter:** Approximately 0.81 inches (20.6 mm) --- ## 4. Common Applications * **Branch Circuit Protection:** Used in electrical panels to protect downstream wiring. * **Resistive Loads:** Ideal for electric heating elements and lighting circuits. * **Control Transformers:** Protecting the primary side of industrial transformers. * **Safety Switches:** Often found in heavy-duty disconnect switches. --- ## 5. Comparison: KWN-R vs. LPN-RK It is important to distinguish between these two common Bussmann series: | Feature | KWN-R (Fast-Acting) | LPN-RK (Time-Delay) | | :--- | :--- | :--- | | **Best For** | Resistive loads / Quick shutoff | Motors / Inductive loads | | **Surge Handling** | Low (trips quickly) | High (ignores startup spikes) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK1 and a Class RK5 fuse?
    • ⤷ Can a KWN-R-50 be used in a 480V circuit?
    • ⤷ How do I test if a KWN-R-50 fuse is blown using a multimeter?