KWS-R-20
AI

The **KWS-R-20** is a specialized industrial fuse, specifically part of the **POWR-GARD® KWS-R series** manufactured by Littelfuse. It is a Class RK1, current-limiting, fast-acting fuse designed to protect electrical components from overcurrents and short circuits.
---
## Technical Specifications
The "20" in the model name indicates its current rating. Below are the primary electronic characteristics:
| Property | Value / Specification |
| :--- | :--- |
| **Current Rating** | 20 Amperes |
| **Voltage Rating (AC)** | 600 VAC |
| **Voltage Rating (DC)** | 250 VDC |
| **Interrupting Rating** | 200,000 A (RMS Symmetrical) |
| **Class** | RK1 |
| **Body Material** | Melamine (Glass Reinforced) |
| **Termination Style** | Cartridge (Ferrule) |
---
## Key Electronic Components & Features
### 1. Current Limiting Element
The KWS-R-20 contains a silver-plated copper or zinc alloy element. Because it is a **Class RK1** fuse, it is highly current-limiting. This means that in the event of a massive short circuit, the fuse reacts so quickly that it prevents the peak current from ever reaching its full potential, protecting downstream electronics from electromagnetic stress.
### 2. Fast-Acting Mechanism
Unlike "Time-Delay" fuses (which allow for brief motor startup surges), the KWS-R-20 is **Fast-Acting**. It is designed to open almost instantly when the current exceeds the 20A threshold significantly. This is critical for protecting sensitive resistive loads.
### 3. High Interrupting Rating (AIC)
The fuse can safely handle up to **200,000 Amps** of fault current without exploding or rupturing. This is essential for main service entrance panels or industrial control centers where the potential fault energy is extremely high.
---
## Common Applications
* **HVAC Systems:** Used in air conditioning and heating units to protect compressors.
* **Resistive Loads:** Ideal for electric heaters or lighting circuits where there are no high-inrush currents.
* **Branch Circuit Protection:** Used in industrial panels to isolate specific segments of a machine.
* **Control Transformers:** Protecting the primary side of transformers.
---
## Comparison: RK1 vs. RK5
It is important to note that while RK1 and RK5 fuses are physically interchangeable (they fit the same holders), the **RK1 (KWS-R)** provides superior protection:
* **RK1 (KWS-R):** Better current limitation; lower peak let-through current.
* **RK5 (FLNR/FLSR):** Higher let-through; usually used for motor circuits.
- ⤷
What is the difference between a KWS-R-20 and a time-delay fuse of the same rating?
- ⤷ Can a KWS-R-20 be used in a DC circuit higher than 250V?
- ⤷ What are the recommended fuse holders for a Class RK1 20A fuse?