データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWS-R-3

  • AI
    The **KWS-R-3** is a specialized, high-performance power fuse manufactured by **Eaton Bussmann**. It belongs to the **Limitron™** series and is designed for the protection of power semiconductors and sensitive electronic circuits. --- ## 1. Technical Specifications The KWS-R-3 is a 3-Ampere, fast-acting fuse designed to mitigate damage from short circuits. | Feature | Specification | | :--- | :--- | | **Current Rating** | 3 Amps | | **Voltage Rating (AC)** | 600 VAC | | **Voltage Rating (DC)** | Up to 600 VDC (application dependent) | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Response Type** | Fast-Acting / High Speed | | **Termination Style** | Ferrule / Cartridge | --- ## 2. Key Electronic Components & Construction The KWS-R-3 is not an "electronic" part in terms of having microchips; rather, it is a **passive protective component** with specific material construction: ### A. The Fusible Element * **Material:** Usually silver or a silver-plated copper alloy. * **Design:** It features a specific geometry (notches) designed to melt at precise thermal thresholds. Because it is a "Fast-Acting" fuse, the element is thinner and more sensitive to overcurrent than a "Time-Delay" fuse. ### B. Arc Quenching Medium * **Filler:** The interior is filled with high-purity **silica sand**. * **Function:** When the element melts and creates an arc, the sand absorbs the heat energy and turns into a non-conductive glass-like substance (fulgurite), which instantly extinguishes the electrical arc. ### C. Body Material * **Composition:** High-grade melamine or ceramic. * **Function:** Provides high insulation resistance and structural integrity to withstand the massive pressure generated during a high-fault interruption. --- ## 3. Applications in Electronics The KWS-R-3 is primarily used to protect sensitive electronic power systems where even a brief surge could destroy transistors or diodes. * **Variable Speed Drives (VSDs):** Protecting the input rectifiers. * **UPS Systems:** Guarding battery banks and inverter circuits. * **Power Supplies:** Used in industrial-grade AC/DC converters. * **Control Transformers:** Providing branch circuit protection where high interrupting capacity is required. --- ## 4. Why "Class RK1"? In the hierarchy of fuses, **RK1** (like the KWS-R) is superior to **RK5**. 1. **Current Limitation:** It limits the "let-through" energy significantly more than standard fuses. 2. **Protection:** It provides better protection for downstream components (like circuit breakers or starters) by preventing them from being exposed to the full force of a short circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between KWS-R and the time-delay FRS-R series?
    • ⤷ Can the KWS-R-3 be used in DC solar applications?
    • ⤷ How do you test if a KWS-R-3 fuse is blown using a multimeter?