データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWSBS-15CD-R

  • AI
    The **KWSBS-15CD-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Bridge Rectifier**. These components are fundamental in power management, used to convert Alternating Current (AC) into Direct Current (DC). --- ### 1. Technical Specifications Below are the typical electronic characteristics for the KWSBS-15CD-R series: | Parameter | Specification | Unit | |:---|:---|:---| | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1000 | Volts | | **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.5 | Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 | Amperes | | **Operating Junction Temperature ($T_j$)** | -55 to +150 | °C | | **Package Type** | ABS / SMD | - | --- ### 2. Key Electronic Features * **Glass Passivated Junction:** The internal diode chips are coated with a glass layer to improve stability and reliability against high temperatures and moisture. * **Low Forward Voltage Drop:** This minimizes power loss and heat generation during the rectification process. * **High Surge Current Capability:** It can handle brief spikes in current (up to 50A) often seen during the initial power-on (inrush current) of a device. * **Compact SMD Design:** Designed for automated surface mount assembly, saving space on modern PCBs compared to through-hole versions. --- ### 3. Internal Configuration Internally, the KWSBS-15CD-R consists of four diodes arranged in a **Bridge configuration**. ```text AC Input (~) | +-----+-----+ | | | [D1] [D2] [D3] [D4] <-- 4 Rectifier Diodes | | | +-----+-----+ | DC Output (+/-) ``` ### 4. Typical Applications * **AC/DC Adapters:** Used in phone chargers and laptop power bricks. * **LED Lighting:** Converting household AC power to DC for LED drivers. * **Consumer Electronics:** Power supply stages for TVs, monitors, and small appliances. * **Battery Chargers:** Initial rectification stage before voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the KWSBS-15CD-R and a standard MB10S rectifier?
    • ⤷ Can this component be used in high-frequency switching power supplies?
    • ⤷ What is the recommended footprint for soldering this part on a PCB?