データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KWVS-2AB-R/Q

  • AI
    The **KWVS-2AB-R/Q** refers to a high-performance **Crystal Oscillator**, specifically a **VCTCXO** (Voltage Controlled Temperature Compensated Crystal Oscillator) or a specialized **TCXO**. These components are critical in telecommunications and high-precision electronic timing circuits. --- ## 1. Component Overview This part is designed to provide a highly stable clock signal even when subjected to temperature fluctuations. The "VC" aspect allows for manual or automatic frequency tuning via a control voltage. ### Key Specifications | Feature | Description | | :--- | :--- | | **Type** | TCXO / VCTCXO (Temperature Compensated) | | **Frequency Range** | Typically available between 10MHz and 52MHz | | **Stability** | Usually ±0.5ppm to ±2.5ppm (Over Temp) | | **Supply Voltage** | Common ranges are 1.8V, 2.8V, or 3.3V | | **Output Type** | Clipped Sine Wave or CMOS | | **Package Size** | Compact SMD (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm) | --- ## 2. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Kyocera or KDS), the suffix typically indicates the following: 1. **KWVS**: Series designation (Low Phase Noise, Ultra-miniature). 2. **2AB**: Package size code and voltage rating. 3. **R/Q**: * **R**: Often refers to Tape & Reel packaging. * **Q**: Usually signifies automotive grade or specific tolerance screening. --- ## 3. Internal Functional Blocks The electronic architecture of the KWVS-2AB-R/Q consists of three primary stages: * **The Crystal Blank:** A precision-cut quartz crystal that vibrates at a specific frequency. * **Compensation Network:** An analog circuit (thermistor-based) or a digital ASIC that adjusts the capacitance to counteract frequency drift caused by heat. * **Voltage Control (VC) Pin:** Allows the system to "pull" the frequency slightly to synchronize with a reference clock (e.g., GPS or Network Master Clock). --- ## 4. Common Applications Due to its small footprint and high stability, this component is used in: * **Wireless Communication:** 4G/5G base stations and smartphones. * **GNSS/GPS Modules:** Ensuring fast satellite signal acquisition. * **IoT Devices:** Low power consumption timing for Narrowband IoT (NB-IoT). * **Automotive Electronics:** Infotainment and ADAS sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific KWVS-2AB-R/Q unit?
    • ⤷ Do you need the pinout diagram for this SMD package?
    • ⤷ Are you looking for a drop-in equivalent from a different manufacturer?