データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KYPD-C4N11R-R

  • AI
    The **KYPD-C4N11R-R** is a specific electronic component belonging to the **Membrane Keypad** or **Tactile Switch Assembly** category, typically used in human-machine interface (HMI) applications. --- ### 1. Component Overview This part is essentially a **4x1 Matrix Keypad**. It is designed to act as a user input interface where physical pressure completes an electrical circuit. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Membrane Keypad / Push Button Array | | **Configuration** | 4 Buttons (1 Row x 4 Columns) | | **Mounting Type** | Adhesive Backing / Solder Pins (varies by sub-series) | | **Output Type** | Digital (Open/Closed circuit) | | **Application** | Consumer electronics, industrial controls, security panels | --- ### 2. Internal Electronic Structure The KYPD-C4N11R-R operates on a simple contact mechanism. Below is the breakdown of its internal electronics: * **Switching Mechanism:** Typically uses a metal dome or carbon contact. When a button is pressed, it bridges two conductive traces. * **Circuit Layout:** It is usually wired in a "Common Terminal" or "Matrix" format. In a 4x1 setup, there is often one common ground (GND) or power pin and four individual signal pins. * **Contact Resistance:** Generally low (under 100-200 Ohms) when pressed, and infinite (Mega-Ohms) when released. ### 3. Pinout & Connectivity While pinouts can vary slightly by manufacturer, a standard 4-button keypad typically follows this logic: | Pin Number | Function | | :--- | :--- | | Pin 1 | Common (Ground or VCC) | | Pin 2 | Switch 1 Output | | Pin 3 | Switch 2 Output | | Pin 4 | Switch 3 Output | | Pin 5 | Switch 4 Output | --- ### 4. Implementation Example (Microcontroller) To use this part with an Arduino or similar MCU, you would typically use the internal pull-up resistors to prevent floating signals. ```cpp // Example: Reading the first button of the KYPD const int buttonPin = 2; // Connected to Pin 2 of the keypad void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int state = digitalRead(buttonPin); if (state == LOW) { Serial.println("Button 1 Pressed!"); } } ``` --- ### 5. Technical Considerations * **Debouncing:** Like all mechanical switches, this keypad will experience "contact bounce." You must implement hardware (capacitors) or software debouncing (delays/timers). * **Voltage/Current Limits:** These are low-signal devices. They are usually rated for **12V DC / 50mA** maximum. Do not use them to switch high-power AC loads directly. * **Durability:** Being a membrane-style part, it is often rated for 100,000 to 1,000,000 actuations.
    ✨ Follow-up Questions
    • ⤷What is the recommended software debouncing time for this keypad?
    • ⤷ Can I use this keypad with a 3.3V logic system?
    • ⤷ Does this model include integrated LED backlighting?