データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L-R3132

  • AI
    The **L-R3132** is a compact, high-efficiency synchronous step-down (buck) DC-DC converter. It is widely used in power management applications where space is limited and high energy efficiency is required. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | ~500 kHz | | **Package Type** | SOT-23-6 (typically) | | **Efficiency** | Up to 95% | | **Feedback Voltage** | 0.8V (Reference) | --- ### 2. Functional Components The L-R3132 integrates several electronic components into a single silicon chip to simplify circuit design: * **Internal MOSFETs:** It features integrated high-side and low-side power MOSFETs. Because it is a *synchronous* converter, it does not require an external Schottky diode, which reduces heat and footprint. * **PWM Controller:** A Pulse Width Modulation controller regulates the output voltage by adjusting the duty cycle based on the load demand. * **Error Amplifier:** Compares the feedback voltage (from the output) against an internal 0.8V reference to maintain stability. * **Protection Circuitry:** Includes Over-Current Protection (OCP), Thermal Shutdown (OTP), and Under-Voltage Lockout (UVLO). --- ### 3. Pin Configuration (SOT-23-6) Typical pinout descriptions for this class of regulator: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference. | | 2 | **SW** | Switch node; connects to the external inductor. | | 3 | **VIN** | Power input supply. | | 4 | **FB** | Feedback input; connected to a resistor divider to set output voltage. | | 5 | **EN** | Enable pin; drive high to turn on, low to turn off. | | 6 | **BST** | Bootstrap; connects a capacitor between SW and BST to drive the high-side MOSFET. | --- ### 4. Basic Application Circuit To use the L-R3132, you generally need four primary external components: 1. **Input Capacitor:** To filter input noise (typically 10µF - 22µF Ceramic). 2. **Inductor:** To store energy (typically 2.2µH to 10µH depending on voltage). 3. **Output Capacitor:** To smooth the DC output. 4. **Feedback Resistors:** Two resistors ($R_1$ and $R_2$) used to set the output voltage ($V_{out}$) using the formula: `Vout = 0.8 * (1 + R1/R2)`
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for the L-R3132?
    • ⤷ What are the common causes of overheating in this specific DC-DC converter?
    • ⤷ Can the L-R3132 be used for battery-powered 12V to 5V conversions?