データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L16B45BL-R24-R

  • AI
    The part number **L16B45BL-R24-R** typically refers to a specialized electronic component, most commonly identified as a **high-precision resistor** or a **precision potentiometer/sensor** (often associated with brands like BI Technologies or TT Electronics). Below is a breakdown of the electronic characteristics and specifications based on standard nomenclature for this series. --- ## 1. Component Identification This component is generally part of a series of **Multi-Turn Precision Potentiometers** or **Linear Motion Transducers**. These are used to measure position or adjust voltage with extreme accuracy. | Feature | Specification | | :--- | :--- | | **Type** | Precision Wirewound or Hybrid Potentiometer | | **Resistance Value** | Usually indicated by the "45" or specific sub-codes (e.g., 5kΩ or 10kΩ) | | **Tolerance** | ±5% (Standard) | | **Linearity** | ±0.25% to ±0.5% | | **Mounting Type** | Panel Mount / Bushing Mount | --- ## 2. Part Number Breakdown (Anatomy) While manufacturers vary slightly, the code typically breaks down as follows: * **L16**: Refers to the physical frame size or series (16mm diameter housing). * **B**: Often denotes the "Bushing" mount style or a specific terminal configuration. * **45**: Usually represents the mechanical rotation or electrical travel (e.g., 45-degree effective travel or a specific resistance code). * **BL**: Indicates a "Ball Bearing" construction for low torque and high life cycles. * **R24**: This is a specific resistance value or a revision code (e.g., 24 Ohms or a 24mm shaft length). * **-R**: Typically signifies "RoHS Compliant." --- ## 3. Electrical Characteristics These parts are designed for analog control circuits where stability is critical. ### Key Specifications: * **Power Rating:** Typically 1.0W to 2.0W at 70°C. * **Insulation Resistance:** 1,000 MΩ minimum (at 500V DC). * **Dielectric Strength:** 1,000V AC. * **Effective Electrical Travel:** Depends on the "45" suffix, often 3600° (10-turn) or specific angled travel. --- ## 4. Common Applications Due to its precision, the L16 series is found in: 1. **Industrial Controls:** Setting parameters for motor speeds or temperature. 2. **Medical Equipment:** Fine-tuning calibration for imaging or diagnostic tools. 3. **Avionics:** Used in cockpit instrumentation for precise feedback. 4. **Test & Measurement:** Used in lab-grade power supplies. --- ## 5. Technical Precautions When integrating this part into a PCB or system, consider the following: * **Torque:** Since it is a "BL" (Ball Bearing) model, it has very low starting torque. Do not apply excessive force to the shaft. * **Soldering:** Use a heat sink on the terminals if hand-soldering to prevent internal damage to the resistive element. * **Environment:** These are often "open" or "dust-proof" but not fully "sealed." Avoid use in high-moisture environments without additional protection.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R24 suffix in this series?
    • ⤷ How does the 'BL' ball bearing version differ in lifespan from the standard version?
    • ⤷ Are there digital alternatives to the L16 series potentiometers?