データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2-R12-10

  • AI
    The **L2-R12-10** (often associated with brands like Delta or specialized power supply manufacturers) is a specific model of an **AC-DC Power Supply Unit (PSU)**, typically designed for industrial applications, telecommunications, or server hardware. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | 12V DC | | **Current Rating** | 10 Amps | | **Total Power** | 120 Watts | | **Efficiency** | Often >85% (80 Plus Standard equivalent) | | **Form Factor** | Internal Open Frame or Enclosed Chassis | --- ## 2. Core Electronic Architecture The L2-R12-10 utilizes **Switched-Mode Power Supply (SMPS)** technology. Here are the primary internal stages: ### A. Input Stage (EMI/RFI Filtering) * **Varistors (MOV):** Protect the circuit from high-voltage surges from the mains. * **X and Y Capacitors:** Filter out electromagnetic interference (EMI). * **Bridge Rectifier:** Converts incoming AC voltage into a pulsating DC voltage. ### B. Switching Stage (PWM Control) * **MOSFETs (Transistors):** These act as high-speed switches, turning the DC voltage on and off at high frequencies (typically 50kHz to 100kHz). * **PWM Controller IC:** The "brain" of the unit that regulates the switching speed to ensure a steady 12V output regardless of input fluctuations. ### C. Isolation Stage * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe 12V DC output side. It also steps down the voltage. ### D. Output Stage (Rectification & Smoothing) * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Electrolytic Capacitors:** Smooth out the voltage ripples to provide clean, stable 12V power. * **Inductors:** Act as filters to further reduce high-frequency noise. --- ## 3. Integrated Protection Circuits This specific unit usually includes built-in safety mechanisms: 1. **Over-Current Protection (OCP):** Shuts down the unit if the draw exceeds 10A. 2. **Over-Voltage Protection (OVP):** Prevents the output from spiking above 12V (usually trips at ~13.5V). 3. **Short Circuit Protection (SCP):** Instantly cuts power if a direct short is detected at the output. 4. **Thermal Protection:** Sensors (Thermistors) that throttle power or shut down if the internal temperature exceeds safe limits. --- ## 4. Connection Interface Commonly found on the L2-R12-10: * **Input:** 3-pin header (Line, Neutral, Ground). * **Output:** Screw terminals or a multi-pin Molex-style connector labeled **+12V** and **GND (Return)**.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the L2-R12-10 connector?
    • ⤷ Can this power supply be wired in parallel with another unit for 20A output?
    • ⤷ What are the common failure symptoms for this specific power supply model?