データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2-R27

  • AI
    Based on the identification of the **L2-R27**, this typically refers to a specific **Power Inductor** (L2) and **Resistor** (R27) pairing found on various printed circuit boards (PCBs), most notably in consumer electronics like game controllers (PS4/PS5) or specific DIY power supply modules. --- ## 1. Component Identification In electronic schematics, the alphanumeric codes represent the **Reference Designator** of the component: | Designator | Component Type | Primary Function | | :--- | :--- | :--- | | **L2** | Inductor (Coil) | Filters high-frequency noise and stores energy in a magnetic field. | | **R27** | Resistor | Limits current flow or divides voltage within a specific sub-circuit. | --- ## 2. Technical Breakdown of L2 (Inductor) The "L2" component is usually a surface-mount (SMD) power inductor. * **Role in Circuitry:** It is often part of a **Buck-Boost Converter** or a **Pi-Filter**. It works alongside capacitors to smooth out voltage ripples from the power supply. * **Common Failure Symptoms:** * The device fails to power on. * Visible burning or "bubbling" on the component casing. * Audible high-pitched whining (coil whine). * **Replacement Specs:** If replacing, you must match the **Inductance (µH)** and the **Saturation Current (A)**. --- ## 3. Technical Breakdown of R27 (Resistor) The "R27" component is a fixed resistor, often used for feedback loops or current sensing. * **Role in Circuitry:** In many charging circuits (like those found in controllers), R27 serves as a **pull-up/pull-down resistor** or a **current limiter** for an integrated circuit (IC). * **Marking Code:** If the resistor is labeled "R27", it may also signify its value: * In decimal notation, **R27** = **0.27 Ohms**. * In standard sequence, it is simply the 27th resistor mapped on the board. * **Common Failure Symptoms:** * Open circuit (no continuity). * Discoloration due to overheating. --- ## 4. Interaction in a Circuit (Example: PS4 Controller) On certain versions of the DualShock 4 (JDM-030/040), these components are located near the power management IC. 1. **Power Input:** Voltage enters from the micro-USB/Battery. 2. **L2 Filtering:** L2 cleans the switching noise from the internal regulator. 3. **R27 Monitoring:** R27 might be used to sense the amount of current going into the battery to prevent overcharging. --- ### Summary Table | Feature | L2 (Inductor) | R27 (Resistor) | | :--- | :--- | :--- | | **Unit of Measure** | Henries (H) | Ohms (Ω) | | **Material** | Ferrite core / Copper wire | Carbon film / Metal oxide | | **Failure Mode** | Short circuit or physical break | Resistance drift or burning out |
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance and inductance values for a PS4 JDM-040 board?
    • ⤷ How can I test if L2 is functioning correctly using a multimeter?
    • ⤷ What tools are required to desolder these SMD components safely?