データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2CE-1D-R

  • AI
    The **L2CE-1D-R** is a specific model within a series of electronic components typically associated with **Optical Fiber Communications**, specifically focusing on Small Form-factor Pluggable (SFP) transceivers or similar optical modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The L2CE-1D-R is generally identified as a **Single-Mode Fiber (SMF)** optical transceiver module. It acts as the bridge between electrical signals (from a switch or router) and optical signals (sent over fiber optic cables). ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Module Type** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | 1310 nm | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Max Distance** | Up to 10 km - 20 km (depending on specific manufacturer revision) | | **Connector Type** | Duplex LC | | **Operating Voltage** | 3.3V | --- ### 3. Electronic Components & Internal Architecture The module consists of several critical electronic sub-assemblies: #### A. The Transmitter Path * **Laser Driver:** An integrated circuit (IC) that converts the differential electrical signals from the host system into current pulses. * **Optical Source:** Usually a **FP (Fabry-Perot)** or **DFB (Distributed Feedback)** laser diode that emits light at the 1310nm wavelength. #### B. The Receiver Path * **Photodetector:** A PIN photodiode that senses incoming light and converts it back into a weak electrical current. * **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Post-amplifies the signal to ensure it meets the logic level requirements of the host device. #### C. Control and Monitoring (DDM/DOM) Most "R" suffix models include **Digital Diagnostics Monitoring (DDM)**. This allows the host system to monitor real-time parameters via an $I^2C$ interface: * Transceiver temperature. * Laser bias current. * Transmitted optical power. * Received optical power. * Supply voltage. --- ### 4. Pinout Configuration (SFP Standard) The electrical interface uses a 20-pin gold-finger connector. Key pins include: ```yaml Pin 1: VeeT (Transmitter Ground) Pin 2: TX_Fault (Transmitter Fault Indication) Pin 3: TX_Disable (Optical output disable) Pin 4: SDA (I2C Data Line) Pin 5: SCL (I2C Clock Line) Pin 12: RD- (Inverted Received Data) Pin 13: RD+ (Non-Inverted Received Data) Pin 18: TD+ (Non-Inverted Transmit Data) Pin 19: TD- (Inverted Transmit Data) ``` --- ### 5. Application Use Cases * **Enterprise Networking:** Connecting switches across different floors or buildings. * **FTTH (Fiber to the Home):** Used in optical line terminals. * **Data Centers:** High-speed links between server racks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Mode and Multi-Mode fiber for this module?
    • ⤷ How does the DDM function help in network troubleshooting?
    • ⤷ Is the L2CE-1D-R compatible with Cisco or Juniper hardware?