データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2CE-51-R

  • AI
    ## Overview of the L2CE-51-R The **L2CE-51-R** is an electronic component belonging to the **Lumileds LUXEON CoB (Chip on Board) Core Range**. It is a high-power LED array designed for general lighting applications, known for its high efficacy and heat management capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Lumileds | | **Light Source** | LED CoB (Chip on Board) | | **Color Temperature** | 5000K (Cool White) | | **CRI (Color Rendering Index)** | 70 (Typical) | | **Forward Voltage ($V_f$)** | ~35V (Typical) | | **Forward Current ($I_f$)** | 450mA (Nominal) | | **Luminous Flux** | ~2000 - 2400 Lumens (Dependent on driving current) | --- ### 2. Core Features * **Small Light Emitting Surface (LES):** Allows for easier optical design and more precise beam control using reflectors or lenses. * **Thermal Resistance:** Features low thermal resistance, which helps dissipate heat efficiently to a heatsink, ensuring longevity and color stability. * **MacAdam Ellipse:** Typically binned within a 3-step or 5-step MacAdam ellipse to ensure color consistency across multiple units. * **Mechanical Robustness:** The ceramic substrate provides a sturdy base that resists warping under high temperatures. --- ### 3. Application Use-Cases The L2CE-51-R is commonly found in industrial and commercial lighting fixtures, including: 1. **Downlights:** High-ceiling commercial spaces. 2. **High-Bay Lights:** Warehouses and factories. 3. **Spotlights:** Retail displays where high-intensity light is required. 4. **Outdoor Area Lighting:** Street lights or architectural floodlights. --- ### 4. Implementation Requirements To operate this component correctly, the following auxiliary parts are required: * **LED Driver:** A constant current driver (e.g., 450mA or 900mA depending on the desired brightness). * **Thermal Interface Material (TIM):** Thermal paste or a thermal pad to connect the CoB to a heatsink. * **Heatsink:** Necessary to prevent the junction temperature from exceeding the maximum limit (usually $105^\circ C$ to $125^\circ C$). * **COB Holder:** Mechanical clips to secure the LED and provide electrical contact without soldering directly to the chip if preferred.
    ✨ Follow-up Questions
    • ⤷ What is the maximum forward current supported by the L2CE-51-R?
    • ⤷ Which specific LED drivers are recommended for 5000K CoB LEDs?
    • ⤷ How does the LES size affect the selection of optics for this part?