データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • L2PA-5D-R

  • AI
    The **L2PA-5D-R** is a specific electronic component primarily used in industrial automation and sensing. It is part of the **L2PA series** of inductive proximity sensors (or related accessories/housing) often associated with brands like **Autonics**. --- ### 1. Technical Specifications This component functions as a proximity sensor designed to detect metallic objects without physical contact. | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Inductive Proximity Sensor | | **Sensing Distance** | Typically 5mm (indicated by the '5' in the part number) | | **Voltage Range** | Usually 12-24V DC (Standard for industrial PLC systems) | | **Output Type** | DC 3-wire (NPN or PNP depending on specific sub-model) | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | | **Material** | Brass (Nickel Plated) or Plastic | --- ### 2. Key Electronic Components & Working Principle The "Electronic Parts" inside the L2PA-5D-R work together to create an electromagnetic field: 1. **LC Oscillating Circuit:** Uses a coil and a capacitor to generate a high-frequency magnetic field at the sensing face. 2. **Signal Detector (Schmitt Trigger):** When a metal object enters the field, eddy currents are induced in the metal, causing the oscillation amplitude to drop. The detector senses this change. 3. **Output Amplifier:** Converts the low-level signal from the detector into a high-current signal (e.g., 200mA) capable of driving a relay or PLC input. 4. **Protection Diodes:** Includes surge protection and reverse polarity protection to prevent damage during installation. --- ### 3. Wiring Diagram (Standard Color Coding) Most sensors in this series follow the international standard for DC 3-wire sensors: ```yaml Brown: Positive (+V) - Usually 12-24VDC Blue: Negative (0V) - Ground Black: Control Output - Signal to PLC/Relay ``` --- ### 4. Applications The L2PA-5D-R is commonly found in the following environments: * **Conveyor Systems:** Counting metal parts as they pass. * **Machine Tools:** Detecting the "Home" position of a mechanical arm. * **Packaging Machinery:** Verifying the presence of aluminum lids or foil seals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output types for this sensor?
    • ⤷ Can the L2PA-5D-R detect non-metallic objects like plastic or glass?
    • ⤷ What is the maximum switching frequency of this specific proximity sensor?